công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1385ARSZ bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADM1385ARSZ
Giải thích chi tiết về linh kiện  Low Power, 3.3 V, RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1385ARSZ bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADM1385ARSZ Datasheet HTML 4Page - Analog Devices ADM1385ARSZ Datasheet HTML 5Page - Analog Devices ADM1385ARSZ Datasheet HTML 6Page - Analog Devices ADM1385ARSZ Datasheet HTML 7Page - Analog Devices ADM1385ARSZ Datasheet HTML 8Page - Analog Devices ADM1385ARSZ Datasheet HTML 9Page - Analog Devices ADM1385ARSZ Datasheet HTML 10Page - Analog Devices ADM1385ARSZ Datasheet HTML 11Page - Analog Devices ADM1385ARSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM3202/ADM3222/ADM1385
Rev. E | Page 8 of 16
GENERAL DESCRIPTION
The ADM3202/ADM3222/ADM1385 are RS-232 line drivers/
receivers. Step-up voltage converters coupled with level-shifting
transmitters and receivers allow RS-232 levels to be developed
while operating from a single 3.3 V supply.
CMOS technology is used to keep the power dissipation to an
absolute minimum, allowing maximum battery life in portable
applications.
The ADM3202/ADM3222/ADM1385 are modifications,
enhancements, and improvements of the AD230 to AD241
family and derivatives. They are essentially plug-in compatible
and do not have any materially different applications.
CIRCUIT DESCRIPTION
The internal circuitry consists of these main sections:
•
A charge pump voltage converter
•
3.3 V logic to EIA-232 transmitters
•
EIA-232 to 5 V logic receivers
Charge Pump DC to DC Voltage Converter
The charge pump voltage converter consists of a 200 kHz
oscillator and a switching matrix. The converter generates a
±6.6 V supply from the input 3.3 V level. This is done in two
stages by using a switched capacitor technique as illustrated in
Figure 18 and Figure 19. First, the 3.3 V input supply is doubled
to 6.6 V by using Capacitor C1 as the charge storage element.
The +6.6 V level is then inverted to generate −6.6 V using C2
as the storage element. C3 is shown connected between V+ and
VCC but is equally effective if connected between V+ and GND.
Capacitors C3 and C4 are used to reduce the output ripple.
Their values are not critical and can be increased, if desired.
Capacitor C3 is shown connected between V+ and VCC. It is
also acceptable to connect this capacitor between V+ and GND.
If desired, larger capacitors (up to 10 μF) can be used for
Capacitors C1 to C4.
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
R2IN
CMOS
INPUTS
EIA/TIA-232
OUTPUTS
CMOS
OUTPUTS
EIA/TIA-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND ADM3202
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
Figure 15. ADM3202 Typical Operating Circuit
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
EN
R2IN
SD
CMOS
INPUTS
EIA/TIA-232
OUTPUTS
CMOS
OUTPUTS
EIA/TIA-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND
ADM3222
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
Figure 16. ADM3222 Typical Operating Circuit
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
DD
R2IN
SD
CMOS
INPUTS
EIA/TIA-232
OUTPUTS
CMOS
OUTPUTS
EIA/TIA-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND
ADM1385
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
C3
0.1µF
10V
C4
0.1µF
10V
Figure 17. ADM1385 Typical Operating Circuit
C1
+
C3
+
S3
S4
S1
S2
INTERNAL
OSCILLATOR
VCC
GND
VCC
V+ = 2VCC
Figure 18. Charge Pump Voltage Doubler
C2
+
C4
+
S3
S4
S1
S2
INTERNAL
OSCILLATOR
V+
GND
V– = –(V+)
GND
FROM
VOLTAGE
DOUBLER
Figure 19. Charge Pump Voltage Inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com