công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ERGX2S bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor

tên linh kiện ERGX2S
Giải thích chi tiết về linh kiện  Metal Oxide Film Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERGX2S bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor

  ERGX2S Datasheet HTML 1Page - Panasonic Semiconductor ERGX2S Datasheet HTML 2Page - Panasonic Semiconductor ERGX2S Datasheet HTML 3Page - Panasonic Semiconductor ERGX2S Datasheet HTML 4Page - Panasonic Semiconductor ERGX2S Datasheet HTML 5Page - Panasonic Semiconductor ERGX2S Datasheet HTML 6Page - Panasonic Semiconductor ERGX2S Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors
fd
fD
L
–60 –40 –20 0
20 40 60 80 100 120 140 160 180 200 220 240
0
20
40
60
80
100
120
130 °C
70 °C
–55 °C
ERG(X)12S
ERG(X)1S, 1F
ERG(X)3S, 3F
ERG(X)5S, 5F
235 °C
Ambient Temperature (°C)
ERG(X)2S, 2F
■ Construction
■ Dimensions in mm (not to scale)
■ Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Type
Power
Rating
at 70 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Maximum
Intermittent
Overload
Voltage
(3)
(V)
Dielectric
With-
standing
Voltage
(VAC)
Res.
Tol.
(%)
(4)
Resistance
Range (
Ω)
(5)
T.C.R.
(
×10
–6/°C)
Standard
Resistance
Value
min.
(6)
max.
ERG(X)12S
0.5
300
600
600
350
G (±2)
1
22 k
±350
E24
J (±5)
0.2
47 k
ERG(X)1S
ERG(X)1F
1
350
600
600
350
G (±2)
1
68 k
±350
E24
J (±5)
0.2
100 k
ERG(X)2S
ERG(X)2F
2
350
700
1000
600
G (±2)
1
100 k
±350
E24
J (±5)
0.22
100 k
ERG(X)3S
ERG(X)3F
3
350
700
1000
1000
G (±2)
1
100 k
±300
E24
J (±5)
0.22
100 k
ERG(X)5S
ERG(X)5F
5
500
1000
1500
1000
G (±2)
1
100 k
±200
E24
J (±5)
0.33
100 k
Type
Dimensions (mm)
Mass
(Weight)
[g/pc.]
L
0D
k
0d
ERG(X)12S 6.35
+0.65
2.3
+0.5
30.0
±3.0
0.65
±0.05
0.26
ERG(X)1S
9.00
+1.50
2.8
±0.5
30.0
±3.0
0.65
±0.05
0.33
ERG(X)1F
0.80
±0.05
ERG(X)2S
ERG(X)2F
12.00
+1.50
4.0
±1.0
30.0
±3.0
0.80
±0.05
0.66
ERG(X)3S
ERG(X)3F
15.00
±1.50
5.5
±1.0
38.0
±3.0
0.80
±0.05
1.47
ERG(X)5S
ERG(X)5F
24.00
±1.50
8.0
±1.0
38.0
±3.0
0.80
±0.05
3.54
–0.3
–0.35
–1.00
–1.00
Code Type Res.Tol. Res. Value Range Code Type Res.Tol. Res. Value Range
Z
12S
±2 % 0.1 to 0.91
Ω
Z
2S
2F
±2 % 0.1 to 0.91
Ω
±5 % 0.1 to 0.18
Ω
±5 % 0.1 to 0.2
Ω
1S
1F
±2 % 0.1 to 0.91
Ω
3S
3F
±2 % 0.1 to 0.91
Ω
±5 % 0.1 to 0.18
Ω
±5 % 0.1 to 0.2
Ω
(1) Rated Continuous Working Voltage (RCWV) shall be determined
from RCWV=
√Power Rating×Resistance Value or Limiting Element
Voltage listed above whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be de-
termined from SOTV=2.5
×Power Rating or max. Overload Voltage
listed above whichever less.
(3) Intermittent Overload Test Voltage (IOTV) shall be determined from
IOTV=4.0
×Power Rating or max. Intermittent Overload Voltage
listed above whichever less.
(4) Resistance tolerance is of use besides range listed, please inquire.
(5) Resistance Range Type ERG :
>10 Ω
Type ERX :
<9.1 Ω
(6) As for the low resistance value range, "Z" is given to the part
number. (Refer to the explanation of part numbers.)
✽ Z type is non standard resistance values.
High reliable metal oxide film (ERG)
High reliable metal plating film
(ERX)
Flame and solvent retardant
End cap
Spiralling
turns
Ceramic core
(High thermal conductivity)
Lead wire
S type : Cu wire
F type : Fe wire
(
)
Marking
Aug. 2012
01
51



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com