| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CRCW0402KJSECIF bảng dữ liệu(PDF) 5 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW0402KJSECIF bảng dữ liệu(HTML) 5 Page - Vishay Siliconix |
|
5 / 6 page ![]() www.vishay.com For technical questions, contact: filmresistors.thickfilmchip@vishay.com Document Number: 20024 5 Revision: 13-Oct-08 D../CRCW....-IF e3 Vishay Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors TEST PROCEDURES AND REQUIREMENTS EN 60115-1 TEST (clause) CONDITIONS OF TEST REQUIREMENTS PERMISSIBLE CHANGE ( ΔR/R) STABILITY CLASS 1 OR BETTER Stability for product types: D../CRCW....-IF e3 1 Ω to 100 kΩ Resistance (4.5) - ± 5 % ± 10 % Temperature coefficient (4.8.4.2) 20/- 55/20 °C and 20/125/20 °C ± 200 ppm/K Overload (4.13) U = 2.5 × (P70 × R)1/2 ≤ 2 × U max.; Duration: according the style ± (0.25 % R + 0.05 Ω) Solderability (4.17.5) Aging 4 h at 155 °C, dryheat solder bath method; 235 °C; 2 s visual examination Good tinning ( ≥ 95 % covered) no visible damage Resistance to soldering heat (4.18.2) Solder bath method; (260 ± 5) °C; (10 ± 1) s ± (0.25 % R + 0.05 Ω) Rapid change of temperature (4.19) 30 min at LCT = - 55 °C; 30 min at UCT = 125 °C; 5 cycles ± (0.25 % R + 0.05 Ω) Damp heat, steady state (4.24) (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (1 % R + 0.05 Ω) Climatic sequence (4.23) 16 h at UCT = 125 °C; 1 cycle at 55 °C; 2 h at LCT = - 55 °C; 1 h/1 kPa at 15 °C to 35 °C; 5 cycles at 55 °C U = (P70 × R)1/2 U = Umax.; whichever is less severe ± (1 % R + 0.05 Ω) Endurance at 70 °C (4.25.1) U = (P70 × R)1/2 U = Umax.; whichever is less severe 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (1 % R + 0.05 Ω) Extended endurance (4.25.1.8) Duration extended to 8000 h ± (2 % R + 0.1 Ω) Endurance at upper category temperature (4.25.3) UCT = 125 °C; 1000 h ± (1 % R + 0.05 Ω) APPLICABLE SPECIFICATIONS • EN 60115-1 Generic Specification • EN 140400 Sectional Specification • EN 140401-802 Detail Specification • IEC 60068-2-X Variety of environmental test procedures • IEC 60286-3 Packaging of SMD components |