| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC642 bảng dữ liệu(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC642 bảng dữ liệu(HTML) 35 Page - Microchip Technology |
|
35 / 44 page ![]() 35 Analog & Interface Product Selector Guide Tape and Reel: TR: Tape and Reel Blank: No Tape and Reel Package Type (see table below) Functional Option (refer to data sheet) Product Part Number Product Prefix for Current and DC Power Sensors Part Number Suffix Designations Ordering Information for all Microchip Analog Products beginning with “PAC” prefix PAC xxxx - y - ppp - tt Package Description # of Pins Reel Qty. AIA DFN (3 × 3) 10 4000 AIZL MSOP 10 4000 KP QFN (4 × 4) 12 4000 YZT SOIC 14 4000 AP QFN (4 × 4) 16 4000 Analog Product Part Numbers Tape and Reel: TR: Tape and Reel Blank: No Tape and Reel Package Type (see table below) Functional Option (refer to data sheet) Number of Temperature Sensors Product Part Number Product Prefix for Current and DC Power Sensors (shared with Thermal Products) Part Number Suffix Designations Ordering Information for all Microchip Analog Products beginning with “EMC” prefix Current/DC Power Sensors: Temperature Sensors/Remote Diode Monitors: EMC 170 x - y - pppp - tt EMC 1 b c d - y - pppp - tt Package Description # of Pins Reel Qty. AIA DFN (3 × 3) 10 4000 AIZL MSOP 10 4000 KP QFN (4 × 4) 12 4000 YZT SOIC 14 4000 AP QFN (4 × 4) 16 4000 Tape and Reel: TR: Tape and Reel Blank: No Tape and Reel Package Type (see table below) Address Option Number of Temperature Monitors Product Part Number 2: Hardware shutdown Otherwise arbitrary Product Part Number Arbitrary Product Part Number 1: Designates it is a temp . sensor Product Prefix for Temperature Sensors (shared with Fan Controller Products) Package Description # of Pins Reel Qty. AIA DFN (3 × 3) 10 4000 AC3 TDFN (2 × 3) 8 5000 ACZL MSOP 8 4000 ACZT SOIC 8 4000 AIZL MSOP 10 4000 AP QFN (4 × 4) 16 4000 YZT SOIC 14 4000 |