công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMC1053 bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện EMC1053
Giải thích chi tiết về linh kiện  Analog & Interface Product Selector Guide
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1053 bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button EMC1053 Datasheet HTML 31Page - Microchip Technology EMC1053 Datasheet HTML 32Page - Microchip Technology EMC1053 Datasheet HTML 33Page - Microchip Technology EMC1053 Datasheet HTML 34Page - Microchip Technology EMC1053 Datasheet HTML 35Page - Microchip Technology EMC1053 Datasheet HTML 36Page - Microchip Technology EMC1053 Datasheet HTML 37Page - Microchip Technology EMC1053 Datasheet HTML 38Page - Microchip Technology EMC1053 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
35
Analog & Interface Product Selector Guide
Tape and Reel:
TR:
Tape and Reel
Blank: No Tape and Reel
Package Type (see table below)
Functional Option (refer to data sheet)
Product Part Number
Product Prefix for Current and DC Power Sensors
Part Number Suffix Designations
Ordering Information for all Microchip Analog Products beginning with “PAC” prefix
PAC xxxx - y - ppp - tt
Package
Description
# of Pins
Reel Qty.
AIA
DFN (3 × 3)
10
4000
AIZL
MSOP
10
4000
KP
QFN (4 × 4)
12
4000
YZT
SOIC
14
4000
AP
QFN (4 × 4)
16
4000
Analog Product Part Numbers
Tape and Reel:
TR:
Tape and Reel
Blank: No Tape and Reel
Package Type (see table below)
Functional Option
(refer to data sheet)
Number of Temperature Sensors
Product Part Number
Product Prefix for Current and
DC Power Sensors
(shared with Thermal Products)
Part Number Suffix Designations
Ordering Information for all Microchip Analog Products beginning with “EMC” prefix
Current/DC Power Sensors:
Temperature Sensors/Remote Diode Monitors:
EMC 170 x - y - pppp - tt
EMC 1 b c d - y - pppp - tt
Package
Description
# of Pins
Reel Qty.
AIA
DFN (3 × 3)
10
4000
AIZL
MSOP
10
4000
KP
QFN (4 × 4)
12
4000
YZT
SOIC
14
4000
AP
QFN (4 × 4)
16
4000
Tape and Reel:
TR:
Tape and Reel
Blank: No Tape and Reel
Package Type (see table below)
Address Option
Number of Temperature Monitors
Product Part Number
2: Hardware shutdown
Otherwise arbitrary
Product Part Number
Arbitrary
Product Part Number
1: Designates it is a temp . sensor
Product Prefix for
Temperature Sensors
(shared with Fan Controller Products)
Package
Description
# of Pins
Reel Qty.
AIA
DFN (3 × 3)
10
4000
AC3
TDFN (2 × 3)
8
5000
ACZL
MSOP
8
4000
ACZT
SOIC
8
4000
AIZL
MSOP
10
4000
AP
QFN (4 × 4)
16
4000
YZT
SOIC
14
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com