| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICM9102M bảng dữ liệu(PDF) 2 Page - IC MICROSYSTEMS |
|
|
|||||||||||||||||||||||||||||
ICM9102M bảng dữ liệu(HTML) 2 Page - IC MICROSYSTEMS |
|
2 / 3 page ![]() ICM9102M SINGLE CHIP TELEPHONE BOARD MODULE Rev. 1.7.8D ICmic reserves the right to change the specifications without prior notice 2 TYPICAL JACK CONNECTIONS TO ELECTRET-MIC HANDSET Figure 2.1 Handset wire connection to the board. Figure 2.2 Handset wire connection to the standard 616E jack. TYPICAL CHARACTERISTICS (Actual characteristics depends on the actual handset being used) Symbol Parameter Test Conditions Min Typ Max Unit Acoustic SLR Send Loudness Rating 0km 1 dB RLR Receive Loudness Rating 0km -6 dB STMR Sidetone Masking Rating 0km 8 dB ZAC AC Impedance 0km 400 470 650 DTMF DTMFLF DTMF Low Band Level -11 -10 -9 dBm DTMFHF DTMF High Band Level -9 -8 -7 dBm Twist 1 2 3 dB Others RONHOOK Resistance, on-hook 7 M ROFFHOOK Resistance, off-hook Loop = 25mA 300 Ring Level 80 85 dB black: mic+ red: mic- yellow: sp- green: sp+ |