| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ06GS202 bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS202 bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 20 page ![]() 2009-2013 Microchip Technology Inc. DS80439M-page 3 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 PGEC3/ PGED3 Programming Pins Device Programming 18. When using the PGEC3/PGED3 pins for device programming, the programming time may be slower as compared to other available PGECx/PGEDx pin pairs. XX X UART Break Character Generation 19. The UART module will not generate back-to-back Break characters. XX X PWM Current Limit 20. Cycle-by-cycle current-limit operation does not work when the PWM module is configured for Center-Aligned mode. XX X PWM Current Reset Mode 21. Current Reset mode does not work when the current-limit source (CLSRC) occurs during, and persists past, the assertive time interval of the PWM, and leading-edge blanking time is less than the PWM assertive time interval. XX X UART IrDA® Encoder/ Decoder and 8-bit Operating Mode 22. When the UART module is operating in 8-bit mode (PDSEL = 0x) and using the IrDA encoder/decoder (IREN = 1), the module incorrectly transmits a data payload of 80h as 00h. XX X UART UxE Interrupt 23. The UART error interrupt may not occur, or may occur at an incorrect time, if multiple errors occur during a short period of time. XX X I2C 10-bit Addressing Mode 24. When the I2C module is configured as a 10-bit slave with an address of 0x102, the I2CxRCV register content for the lower address byte is 0x01 rather than 0x02. XX X I2C 10-bit Addressing Mode 25. The 10-bit slave does not set the RBF flag or load the I2CxRCV register, on address match if the Least Significant bits (LSbs) of the address are the same as the 7-bit reserved addresses. XX X PSV Operations Addressing Modes 26. An address error trap occurs in certain addressing modes when accessing the first four bytes of any PSV page. XX X Comparator Sleep Mode 27. The Comparator fails to wake the CPU from Sleep mode when the internal voltage reference is used. XX X PWM Independent Time Base 28. When updating the frequency on the fly, push-pull PWM outputs may not be synchronized with other PWM output modes. XX X Analog Comparator Internal Band Gap Reference Voltage 29. The Internal Band Gap Reference Voltage (INTREF) for the analog comparator does not meet the stated accuracy specifications. XX X Auxiliary PLL Input Frequency 30. For extended temperature devices, the auxiliary PLL input frequency does not meet the published specification range. XX X ADC Current Consumption in Sleep Mode 31. If the ADC module is in an enabled state when the device enters Sleep mode, the power-down current (IPD) of the device may exceed the device data sheet specifications. XX X High-Speed PWM PWM Module Enable 32. A glitch may be observed on the PWM pins when the PWM module is enabled after assignment of pin ownership to the PWM module. XX X Reserved — 33. —— TABLE 2: SILICON ISSUE SUMMARY (CONTINUED) Module Feature Item Number Issue Summary Affected Revisions(1) A2 A3 A4 Note 1: Only those issues indicated in the last column apply to the current silicon revision. |