| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ06GS101 bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101 bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 20 page ![]() 2009-2013 Microchip Technology Inc. DS80439M-page 5 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Silicon Errata Issues 1. Module: PWM Reading LEBCONx registers, as well as writing individual bits and bytes within these registers does not work. Work around Use a Word write operation to modify LEBCONx registers. For example, to set the PHR bit within the LEBCON1 register, use the following C code: LEBCON1 = 0x8000 There is no work around for reading LEBCONx registers. Affected Silicon Revisions 2. Module: PWM If PWM Immediate Update mode is selected (IUE = 1), and the PWM duty cycle is provided via the Master Duty Cycle (MDC) register (MDCS = 1 mode), the updates to the MDC register are synchronized to the PWM time base instead of an immediate update (duty cycle will be updated on the next PWM period). Work arounds Work around 1: Use the Enable Immediate Period Update mode (EIPU = 1) in conjunction with PWM Immediate Update mode (IUE = 1). This will update the period and duty cycle on an immediate basis. Work around 2: Use individual duty cycle registers (PDCx) and PWM Immediate Update mode (IUE = 1) to update individual duty cycle registers on an immediate basis. Affected Silicon Revisions 3. Module: PWM If PWM Fault interrupts are disabled (FLTIEN = 0 or CLIEN = 0), then associated Status bits (FLTSTAT and CLSTAT) will not function. Work around Enable PWM Fault interrupts (FLTIEN = 1, CLIEN = 1). Affected Silicon Revisions 4. Module: PWM The PWM output will exhibit jitter under the following conditions: When the PWM clock divider has the value of 1, 5 or 6 (PTCON2<PCLKDIV> = 0b001, 0b101 or 0b110), and the three Least Significant bits of the PWM Period Register (PTPER or PHASEx), Duty Cycle Register (MDC or PDCx) or Phase Register (PHASEx) are non-zero. Work around Use PWM clock dividers other than 1, 5 or 6. Affected Silicon Revisions Note: This document summarizes all silicon errata issues from all revisions of silicon, previous as well as current. Only the issues indicated by the shaded column in the following tables apply to the current silicon revision (A4). A2 A3 A4 XX X A2 A3 A4 XX X A2 A3 A4 XX X A2 A3 A4 XX X |