| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CHIPV6 bảng dữ liệu(PDF) 1 Page - JDS Uniphase Corporation |
|
|
|||||||||||||||||||||||||||||
CHIPV6 bảng dữ liệu(HTML) 1 Page - JDS Uniphase Corporation |
|
1 / 2 page ![]() COMMUNICATIONS TEST & MEASUREMENT SOLUTIONS www.jdsu.com/test Highlights • The smallest, most compact 100 G solution on the market • The industry’s only solution to support 100 G Y.1564 (SAMComplete™) (10 streams) • The industry’s highest/best latency accuracy; resolution of 100 ns with ATPv3. Can be used in RFC 2544 and Y.1564. • Unique Layer 2 transparency test suite (J-Proof) for service activation and troubleshooting • Full support of OTU4 and OTU3 • Integrated CFP and QSFP+ optics — only unit with no optics swapping for 100 GE and 40 GE standard LR4 IEEE testing • IPv4/IPv6 with ARP/ping/ traceroute capabilities • The industry’s most scalable solution; capable of T1/E1 through 100 G and OTDR, OSA/OSNR, fiber characterization (CD/PMD), and fiber inspection in one test unit • First-to-market with 100 GE, OTU4, 40 GE, OTU3, 40 G SONET/SDH integration in one module The industry’s most compact 100 G test solution The JDSU T-BERD/MTS-8000 40/100 G Transport Module is the most compact test solution on the market and is ideal for field test applications. Its ruggedness, battery power, and control connectivity support full mobility and can withstand the most diverse test conditions. With capabilities designed for carrier Ethernet/ packet transport, long-haul, and metro-core networks, as well as government telecommunication centers, the module represents continued innovation for the family of award-winning, industry-leading T-BERD/MTS test solutions. These elements combine to provide the right test tool for achieving quicker execution and easier mobility, especially during service activation and troubleshooting. JDSU is the recipient of the 2012 Frost & Sullivan Growth Leadership Award for Ethernet Test Equipment T-BERD®/MTS-8000 40/100 G Transport Module |
Số phần tương tự - CHIPV6 |
|
Mô tả tương tự - CHIPV6 |