| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S202031SS02MB bảng dữ liệu(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
S202031SS02MB bảng dữ liệu(HTML) 2 Page - C&K Components |
|
2 / 5 page ![]() I I–29 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com S Series Slide Switches SWITCH FUNCTION ACTUATOR C2; C3; C5 SNAP-ON CAP 13 SCREWDRIVER SLOT (WITHOUT MARKING) 12 SCREWDRIVER SLOT (WITH MARKING) 09 .250" HIGH 03 .335" HIGH 04 .500" HIGH Part number shown: S101031SS03Q NOTE: and MOM. in table indicates momentary action. All models with all options when ordered with ‘G’ or ‘Q’ contact material. Contacts make on side actuator thrown. NOTE: Standard actuator color is black, other colors available, consult Customer Service Center. Alternate heights are available with ‘03, 04 and 09’ actuators, consult Customer Service Center. Models with S2 mounting style, subtract .090 (2, 29). Actuators ‘12’ and ‘13’ are available with DPST and DPDT models only. Part number shown: S202031SS03Q White 115-230 markings (std.). Without markings. Available with S2 mounting style only. NOTE: Actuator finish: matte. If no color is specified, black will be supplied. Colored actuator caps may also be ordered separately and user installed, see page I-32. C2 BLACK C3 RED C5 YELLOW C1-CT CAP COLOR OPTION CODE2 S101 6 SPSTSS S102 6 SPDT MS,SS S112 6 SPDT-MOM. MS,SS S701 15 SPST S1,S2,S3,ST S702 15 SPDT S1,S2,S3,ST SP AVAILABLE MOUNTING STYLES SCHEMATIC SWITCH FUNCTION AMP RATING MODEL NO. NO. POLES S201 6 DPST MS,SS,TS S202 6 DPDT MS,SS, TS S602 12 DPDT MS,SS, TS S802 15 DPDT S1,S2,S3,ST DP AVAILABLE MOUNTING STYLES SCHEMATIC SWITCH FUNCTION AMP RATING MODEL NO. NO. POLES SPST DPDT |