| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5TC2G83EFR-RDA bảng dữ liệu(PDF) 25 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC2G83EFR-RDA bảng dữ liệu(HTML) 25 Page - Hynix Semiconductor |
|
25 / 33 page ![]() Rev. 1.1 / Apr. 2013 25 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3L - 1066 7-7-7 DDR3L - 1333 9-9-9 DDR3L - 1600 11-11-11 DDR3L - 1866 13-13-13 Unit Notes Symbol Max. Max. Max. Max. IDD0 30 30 30 35 mA IDD01 35 35 35 40 mA IDD2P0 10 10 10 10 mA IDD2P1 13 13 13 15 mA IDD2N 13 15 16 17 mA IDD2NT 16 18 20 21 mA IDD2Q 15 15 17 17 mA IDD3P 12 12 12 15 mA IDD3N 18 18 20 21 mA IDD4R 55 65 75 85 mA IDD4w 60 70 80 90 mA IDD5B 160 160 160 160 mA IDD6 10 10 10 10 mA 1 IDD6ET 12 12 12 12 mA 2 IDD7 110 120 120 150 mA |