| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC9909N bảng dữ liệu(PDF) 4 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC9909N bảng dữ liệu(HTML) 4 Page - IXYS Corporation |
|
4 / 12 page ![]() INTEGRATED CIRCUITS DIVISION CPC9909 4 www.ixysic.com R03 1.3 Absolute Maximum Ratings Electrical absolute maximum ratings are at 25ºC. Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. Parameter Symbol Maximum Unit Input Voltage to GND VIN -0.5 to +560 V Inputs and Outputs Voltage to GND CS, LD, PWMD, GATE -0.3 to VDD+0.3 V VDD , Externally Applied VDD.EXT 15 V Power Dissipation: SOIC-8 With Thermal Tab PD 2.5 W SOIC-8 W/O Thermal Tab 0.975 W Junction Temperature, Operating TJ -55 to +150 °C Operating Temperature TA -55 to +85 °C Storage Temperature TSTG -55 to +150 °C |