công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7101TH3V2PE bảng dữ liệu(PDF) 13 Page - C&K Components

tên linh kiện 7101TH3V2PE
Giải thích chi tiết về linh kiện  7000 Series Miniature Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101TH3V2PE bảng dữ liệu(HTML) 13 Page - C&K Components

Back Button 7101TH3V2PE Datasheet HTML 6Page - C&K Components 7101TH3V2PE Datasheet HTML 7Page - C&K Components 7101TH3V2PE Datasheet HTML 8Page - C&K Components 7101TH3V2PE Datasheet HTML 9Page - C&K Components 7101TH3V2PE Datasheet HTML 10Page - C&K Components 7101TH3V2PE Datasheet HTML 11Page - C&K Components 7101TH3V2PE Datasheet HTML 12Page - C&K Components 7101TH3V2PE Datasheet HTML 13Page - C&K Components 7101TH3V2PE Datasheet HTML 14Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
F–15
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
7000 Series
Miniature Toggle Switches
TERMINATIONS
Dim 'A'
Actuator Shown In Pos. 1
Snap-In
PC MOUNTING
V4, V9
VERTICAL MOUNT, V-BRACKET
V41
VERTICAL MOUNT, V-BRACKET, SNAP-IN
7401MD9__BE
4PDT
Not available with I seal option.
V4, V41
.630 (16,00)
V9
1.150 (29,21)
DIM ‘A’
OPTION
CODE
CONTACT MATERIAL
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte tin alloy nickel plate.
NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant.
U11-U415 model numbers
with all options when ordered with G,
S, R, or Q contact material.
B contact material standard with all terminations except C, Z & Z3.
Q contact material standard with C, Z & Z3 terminations.
P, S & R contact materials not available with Z & Z3 terminations.
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
MATTE-TIN 6
GOLD 1
SILVER 4,5
GOLD OVER
SILVER 2,3
GOLD 3
MATTE-TIN 6
GOLD 1
MATTE-TIN 6
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
5 AMPS @ 120 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR 5 AMPS @ 120 V AC
OR 28 V DC; 2 AMPS @ 250 V AC.
B
P
Q
S
G
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com