| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MIC5166YML bảng dữ liệu(PDF) 3 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC5166YML bảng dữ liệu(HTML) 3 Page - Micrel Semiconductor |
|
3 / 25 page ![]() Micrel, Inc. MIC5166 June 2012 3 M9999-060612-A Absolute Maximum Ratings(1) VBIAS .................................................................. –0.3V to 6V VIN ................................................................. –0.3V to VBIAS VDDQ................................................................... –0.3V to VIN VTT ................................................................... –0.3V to VIN VEN ................................................................. –0.3V to VBIAS VPG ................................................................. –0.3V to VBIAS PGND to AGND ............................................. –0.3V to 0.3V Junction Temperature ................................................ 150°C Storage Temperature Range ....................–65°C to +150°C Lead Temperature (soldering, 10s)............................ 260°C Continuous Power Dissipation (TA = 25°C) (De-rated 16.4mW/°C above 25°C).....................1.64W Continuous Power Dissipation (TA = 85°C) .............656mW ESD (2)....……………………………………..........2kV(HBM) Operating Ratings(3) Supply Voltage (VBIAS)...................................... 2.5V to 5.5V Supply Voltage (VIN)......................................0.9V to 3.6V (4) Supply Voltage (VDDQ).................................... 0.9V to VIN (5) Power Good Voltage (VPG).................................. 0V to VBIAS Enable Input (VEN)............................................... 0V to VBIAS Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C Package Thermal Resistance 3mm x 3mm MLF ®-10 (θJC).............................28.7°C/W 3mm x 3mm MLF ®-10 (θJA).............................60.7°C/W Electrical Characteristics(6) VIN = 1.5V, VBIAS = 3.3V, VDDQ = 1.5V, TA = 25°C, unless noted. Bold values indicate –40°C ≤ TJ ≤ +125°C. Parameter Condition Min. Typ. Max. Units Power Input Supply Input Voltage Range (VIN) 0.9 3.6 V Undervoltage Lockout Trip Level VIN Rising 0.625 0.8 0.9 V UVLO Hysteresis 150 mV Quiescent Supply Current (IIN) IOUT = 0A 0.1 10 µA Shutdown Current (IIN) VEN = 0V 0.1 5 µA Bias Supply Bias Voltage Range (VBIAS) 2.5 5.5 V Undervoltage Lockout Trip Level VBIAS Rising 1.9 2.23 2.33 V UVLO Hysteresis 70 mV IOUT = 1mA 1.6 3 Quiescent Supply Current (IBIAS) IOUT = 1A 1.6 3 mA Shutdown Current (IBIAS) VEN = 0V 0.1 5 µA VTT Output VTT Accuracy Variation from VREF, IOUT = -3A to 3A −40 40 mV VSNS =0.75V, IOUT = 10mA to +3A 1.5 2.1 Load Regulation VSNS =0.75V, IOUT = -10mA to -3A −1.8 −1.4 % VIN = 1.5V to 3.6V, VBIAS = 5.5V, IOUT = 100mA −0.05 0.005 0.05 Line Regulation VIN = 1.5V, VBIAS = 2.5V to 5.5V, IOUT = 100mA −0.1 0.015 0.17 %/V |