công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTF08 bảng dữ liệu(PDF) 6 Page - Omron Electronics LLC

tên linh kiện PTF08
Giải thích chi tiết về linh kiện  General Purpose Relay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF08 bảng dữ liệu(HTML) 6 Page - Omron Electronics LLC

Back Button PTF08 Datasheet HTML 2Page - Omron Electronics LLC PTF08 Datasheet HTML 3Page - Omron Electronics LLC PTF08 Datasheet HTML 4Page - Omron Electronics LLC PTF08 Datasheet HTML 5Page - Omron Electronics LLC PTF08 Datasheet HTML 6Page - Omron Electronics LLC PTF08 Datasheet HTML 7Page - Omron Electronics LLC PTF08 Datasheet HTML 8Page - Omron Electronics LLC PTF08 Datasheet HTML 9Page - Omron Electronics LLC PTF08 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
447
General Purpose Relay – LY
■
Approved Standards
UL 508 Recognitions (File No. 41643)
No. of poles
Coil ratings
Contact ratings
Operations
1
15 A, 30 VDC (Resistive)
6 x 103
15 A, 240 VAC (General use)
TV-5, 120 VAC
25 x 103
1/2 HP, 120 VAC
2
15 A, 28 VDC (Resistive)
6 x 103
15 A, 120 VAC (Resistive)
12 A, 240 VAC (General use)
1/2 HP, 120 VAC
25 x 103
TV-3, 120 VAC
3 and 4
10 A, 30 VDC (Resistive)
6 x 103
10 A, 240 VAC (General use)
1/3 HP, 240 VAC
6 to 240 VAC
6 to 125 VDC
CSA 22.2 No. 14 Listings (File No. LR31928)
No. of poles
Coil ratings
Contact ratings
Operations
1
15 A, 30 VDC (Resistive)
6 x 103
15 A, 120 VAC (General use)
1/2 HP, 120 VAC
25 x 103
TV-5, 120 VAC
2
15 A, 30 VDC (Resistive)
6 x 103
15 A, 120 VAC (Resistive)
1/2 HP, 120 VAC
TV-3, 120 VAC
3 and 4
10 A, 30 VDC (Resistive)
10 A, 240 VAC (General use)
6 to 240 VAC
6 to 125 VDC
No. of poles
Coil ratings
Contact ratings
Operations
1
15 A, 24 VDC
6 x 103
15 A, 220 VAC
2 to 4
10 A, 24 VDC
10 A, 220 VAC
6 to 240 VAC
6 to 125 VDC
SEV Listings (File No. D3,31/137)
TÜV (File No. R9251226) (IEC255)
No. of poles
Coil ratings
Contact ratings
Operations
1 to 4
6 to 125 VDC
LY1, LY1-FD
100 x 103
6 to 240 VAC
15 A, 110 VAC (cosϕ = 1)
10 A, 110 VAC (cosϕ = 0.4)
LY2, LY2-FD, LY3, LY3-FD,
LY4, LY4-FD
10 A, 110 VAC (cosϕ = 1)
7.5 A, 110 VAC (cosϕ = 0.4)
VDE Recognitions (No. 9903UG and 9947UG)
No. of poles
Coil ratings
Contact ratings
Operations
1
6, 12, 24, 50, 110, 220 VAC
10 A, 220 VAC (cosϕ = 1)
200 x 103
6, 12, 24, 48, 110 VDC
7 A, 220 VAC (cosϕ = 0.4)
10 A, 28 VDC (L/R = 0 ms)
7 A, 28 VDC (L/R = 7 ms)
2
7 A, 220 VAC (cosϕ = 1)
4 A, 220 VAC (cosϕ = 0.4)
7 A, 28 VDC (L/R = 0 ms)
4 A, 28 VDC (L/R = 7 ms)
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com