| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
760871038 bảng dữ liệu(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
|
|||||||||||||||||||||||||||||
760871038 bảng dữ liệu(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
2 / 2 page ![]() Bezeichnung : Netzteil-Übertrager WE-UNIT description : Off-line transformer WE-UNIT DATUM / DATE : 2010-01-08 H Schaltbild / Schematics TBr 2010-01-08 TBr 2009-11-13 Name Datum / date Artikelnummer / part number : http://www.we-online.com ............................................... Würth Elektronik eiSos GmbH & Co.KG Revision 01 D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Revision 00 Änderung / modification .................................................. Geprüft / checked Kontrolliert / approved Würth Elektronik Freigabe erteilt / general release: Kunde / customer Datum / date Unterschrift / signature .................................................................................. Kunde / customer : Preliminary .................................................................................. Spezifikation für Freigabe / specification for release 760871038 3 2 N1 125-385V This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating thi s component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuc lear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be info rmed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 1 4 N3 14-18V/0,03A 7 6 N2 12V-18V / 0.42A output power max. = 7W SEITE 2 VON 2 |