công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X40034VC bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện X40034VC
Giải thích chi tiết về linh kiện  Triple Voltage Monitor with Integrated CPU Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40034VC bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  X40034VC Datasheet HTML 1Page - Intersil Corporation X40034VC Datasheet HTML 2Page - Intersil Corporation X40034VC Datasheet HTML 3Page - Intersil Corporation X40034VC Datasheet HTML 4Page - Intersil Corporation X40034VC Datasheet HTML 5Page - Intersil Corporation X40034VC Datasheet HTML 6Page - Intersil Corporation X40034VC Datasheet HTML 7Page - Intersil Corporation X40034VC Datasheet HTML 8Page - Intersil Corporation X40034VC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN8114.2
August 25, 2008
A manual reset input provides debounce circuitry for
minimum reset component count.
The Watchdog Timer provides an independent protection
mechanism for microcontrollers. When the microcontroller
fails to restart a timer within a selectable time out interval,
the device activates the WDO signal. The user selects the
interval from three preset values. Once selected, the interval
does not change, even after cycling the power.
TABLE 1. SELECTION TABLE
DEVICE
EXPECTED SYSTEM
VOLTAGES
VTRIP1
(V)
VTRIP2
(V)
VTRIP3
(V)
POR
(SYSTEM)
X40030, X40031
2.0 to 4.75*
1.70 to 4.75
1.70 to 4.75
X40030A, X40031A
5V; 3V or 3.3V; 1.8V
4.55 to 4.65*
2.85 to 2.95
1.65 to 1.75
RESET = X40030
X40030B, X40031B
5V; 3V; 1.8V
4.35 to 4.45*
2.55 to 2.65
1.65 to 1.75
RESET = X40031
X40030C, X40031C
3.3V; 2.5V; 1.8V
2.95 to 3.05*
2.15 to 2.25
1.65 to 1.75
X40034, X40035
2.0 to 4.75*
0.90 to 3.50
1.70 to 4.75
X40034A, X40035A
5V; 3.3V; 1.5V
4.55 to 4.65*
1.25 to 1.35
3.05 to 3.15
RESET = X40030
X40034B, X40035B
5V; 3V or 3.3V; 1.5V
4.55 to 4.65*
1.25 to 1.35
2.85 to 2.95
RESET = X40031
X40034C, X40035C
5V; 3V or 3.3V; 1.2V
4.55 to 4.65*
0.95 to 1.05
2.85 to 2.95
*
Voltage monitor requires VCC to operate. Others are independent of VCC
X40030, X40031, X40034, X40035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23