| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
11016-R bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
11016-R bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() HIGH TEMPERATURE PTFE INSULATED TEST POINT JACKS .080 [2.0] PC TEST JACKS SPECIFICATIONS Terminal Jack: Beryllium Copper (QQ-C-533) *Brass ASTM B16 Plating: Gold per MIL-G-45204, Type II Operating Tempuature: -60 (-50) to + 500 A R C E B D A R E C 105 E .140 [3.6] R D .125 [3.2] C B DIA. A Bushing: White PTFE (RoHS Compliant) Red or Black PTFE (Non-RoHS Compliant) RoHS RoHS Tel (718) 956-8900 • Fax (718) 956-9040 (800) 221-5510 • kec@keyelco.com www.keyelco.com 31-07 20th Road – Astoria, NY 11105-2017 RoHS COMPLIANT ~ ISO 9001 CERTIFIED ® * Terminal Material: Brass ASTM B16 D .047 [1.2] DIA. (2) PLS. .055 [1.4] DIA. .200 [5.1] Mounting Detail MATERIAL: Body: Nylon per ASTM D4066 Contact: Brass, Silver Plate MATERIAL: Body: Nylon per ASTM D4066 Contact: Beryllium Copper, Silver Plate Mounting: Snap-fits into .052 (1.32) hole VERTICAL LOW PROFILE HORIZONTAL UNIVERSAL HORIZONTAL MINIATURE HORIZONTAL SNAP-FIT VERTICAL CAT. NO . COLOR 6036 WHITE 6037 RED 6038 BLACK 6039 YELLOW 6040 GREEN 6041 BLUE CAT. NO . COLOR 6042 WHITE 6043 RED 6044 BLACK 6045 YELLOW 6046 GREEN 6047 BLUE .048 [1.2] DIA. .312 [7.9] .125 [3.2] .187 [4.8] DIA. SPRING CONTACT TO ACCEPT .080 [2.03] DIA. PIN .039 [0.99] x .045 [1.14] .125 [3.2] .312 [7.9] .187 [4.8] DIA. SPRING CONTACT TO ACCEPT .080 [2.03] DIA. PIN CAT. NO . COLOR 6048 WHITE 6049 RED 6050 BLACK 6051 YELLOW 6052 GREEN 6053 BLUE SPRING CONTACT TO ACCEPT .080 [2.03] DIA. PIN .200 [5.1] .203 [5.2] .208 [5.3] .147 [3.7] .125 [3.2] .048 [1.2] .133 [3.4] .008 [.20] MATERIAL: Body: Nylon per ASTM D4066 Contact: Beryllium Copper, Silver Plate CAT. NO . COLOR 6054 WHITE 6055 RED 6056 BLACK 6057 YELLOW 6058 GREEN 6059 BLUE .125 [3.2] .048 [1.2] .410 [10.4] SPRING CONTACT TO ACCEPT .080 [2.03] .133 [3.4] DIA. PIN .156 [4.0] .008 [.20] .203 [5.2] .400 [10.2] MATERIAL: Body: Nylon per ASTM D4066 Contact: Beryllium Copper, Silver Plate GOLD PLATE SILVER PLATE CAT. NO. COLOR CAT. NO. 6060 WHITE 6066 6061 RED 6067 6062 BLACK 6068 6063 YELLOW 6069 6064 GREEN 6070 6065 BLUE 6071 MATERIAL: Body: Nylon per ASTM D4066 Contact: Beryllium Copper, Gold or Silver Plate .400 [10.2] SPRING CONTACT TO ACCEPT .080 [2.03] DIA. PIN .008 [.20] .460 [11.7] .220 [5.6] .156 [4.0] .048 [1.2] .133 [3.4] .130 [3.3] FIG. 1 FIG. 2 FIG. 3 RoHS NON-RoHS White Red Black Tip Dia. Tip CAT NO. CAT NO. CAT NO. FIG. A B C D E R ± .001 (.03) Length 11001 11001-R 11001-B 1 .142 (3.6) .120 (3.0) .244 (6.2) .046 (1.2) .120 (3.0) .060 (1.5) .040 (1.0) .205 (5.2) 11002 11002-R 11002-B 1 .142 (3.6) .120 (3.0) .283 (7.2) .046 (1.2) .120 (3.0) .060 (1.5) .040 (1.0) .245 (6.2) 11003 11003-R 11003-B 1 .172 (4.4) .140 (3.6) .142 (3.6) .050 (1.3) .060 (1.5) .080 (2.0) .040 (1.0) .125 (3.2) 11004 11004-R 11004-B 1 .172 (4.4) .148 (3.8) .179 (4.5) .046 (1.2) .120 (3.0) .060 (1.5) .040 (1.0) .140 (3.6) 11005 11005-R 11005-B 1 .218 (5.5) .185 (4.7) .301 (7.6) .050 (1.3) .105 (2.7) .125 (3.2) .080 (2.0) .315 (8.0) 11006 11006-R 11006-B 1 .218 (5.5) .185 (4.7) .271 (6.9) .046 (1.2) .120 (3.0) .074 (1.9) .080 (2.0) .195 (4.9) 11007 11007-R 11007-B 1 .218 (5.5) .185 (4.7) .271 (6.9) .046 (1.2) .120 (3.0) .074 (1.9) .090 (2.3) .195 (4.9) 11008 11008-R 11008-B 1 .218 (5.5) .185 (4.7) .301 (7.6) .046 (1.2) .120 (3.0) .074 (1.9) .080 (2.0) .225 (5.7) 11009 11009-R 11009-B 1 .218 (5.5) .185 (4.7) .400 (10.2) .050 (1.3) .187 (4.8) .074 (1.9) .080 (2.0) .280 (7.1) 11010 11010-R 11010-B 1 .218 (5.5) .185 (4.7) .271 (6.9) .046 (1.2) .136 (3.5) .074 (1.9) .080 (2.0) .340 (8.6) 11011 11011-R 11011-B 2 .218 (5.5) — .430 (10.9) — .150 (3.8) .050 (1.3) .080 (2.0) .200 (5.1) 11012* 11012-R* 11012-B* 2 .218 (5.5) — .500 (12.7) — .150 (3.8) .050 (1.3) .080 (2.0) .280 (7.1) 11013 11013-R 11013-B 3 .218 (5.5) .187 (4.8) .689 (17.5) .500 (12.7) .125 (3.2) .050 (1.3) .080 (2.0) .500 (12.7) 11014 11014-R 11014-B 3 .218 (5.5) .187 (4.8) .378 (9.6) .400 (10.2) .125 (3.2) .050 (1.3) .080 (2.0) .250 (6.4) 11015 11015-R 11015-B 3 .218 (5.5) .187 (4.8) .378 (9.6) .400 (10.2) .187 (4.7) .035 (.89) .080 (2.0) .250 (6.4) 11016 11016-R 11016-B 3 .218 (5.5) .187 (4.8) .378 (9.6) .500 (12.7) .125 (3.2) .050 (1.3) .080 (2.0) .250 (6.4) Accepts M60Section6FREV1A2-COLOR 4/6/13 12:51PM Page105 |
Số phần tương tự - 11016-R |
|
Mô tả tương tự - 11016-R |