| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S202031SS02DQ bảng dữ liệu(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
S202031SS02DQ bảng dữ liệu(HTML) 4 Page - C&K Components |
|
4 / 5 page ![]() I I–31 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com S Series Slide Switches MOUNTING STYLE PANEL MOUNTING .118 ± .015 (3,00 ± 0,38) .368 ± .015 (9,35 ± 0,38) .113 ± .015 (2,87 ± 0,38) .140 (3,56) .503 ± .015 (12,78 ± 0,38) PC MOUNTING 08 terminations with MS mounting style. 02 & 04 terminations TS PANEL WITH MOUNTING EARS 08 PC THRU-HOLE WC WIRE LEAD 07 QUICK CONNECT 04 PC THRU-HOLE 03 SOLDER LUG WITH HOLE 02 PC THRU-HOLE TERMINATIONS AVAILABLE WITH: Models: S201, S202, and S602 Terminations: All Actuators: 03, 04 and 12. Recommended with ‘MS’ mounting style only. MS mounting style only. NOTE: All terminals on S1XX, S2XX and S6XX models are .020 (0,51) thick; all terminals on S7XX and S8XX models are .031 (0,79) thick. Recommended with double pole models only. 18 AWG wire for S1XX and S2XX models. 16 AWG wire for all other models. Black wire standard, other colors and lengths available, consult Customer Service Center. UL style 1015. S202031TS03Q DPDT |