công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VLF252010MT-1R0N bảng dữ liệu(PDF) 3 Page - TDK Electronics

tên linh kiện VLF252010MT-1R0N
Giải thích chi tiết về linh kiện  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

VLF252010MT-1R0N bảng dữ liệu(HTML) 3 Page - TDK Electronics

  VLF252010MT-1R0N Datasheet HTML 1Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 2Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 3Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 4Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 5Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 6Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 7Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 8Page - TDK Electronics VLF252010MT-1R0N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
(3/53)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlf_en.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Ferrite
FEATURES
Magnetic shield type wound inductor for power circuits.
A DC-DC converter with top-class voltage conversion efficiency for similar products was achieved by optimizing the magnetic material
and configuration.
Low-profile product lineup with max. heights of 1.0mm, 1.2mm, and 1.5mm allowing for different usages.
High magnetic shield construction and compatible with high-density mounting.
Halogen-free compatible product.
APPLICATION
Smart phones, tablet terminals, HDDs, SSDs, DVCs, DSCs, mobile display panels, portable game devices, compact power supply
modules, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Overview of the VLF-M Series
VLF
252010
M
T
-
R47
N
Series name
L×W×H Dimensions
internal code
Packaging style
Inductance
Inductance
tolerance
(mm max.)
(μH)
252010
2.5×2.0×1.0
T
Taping
R47
0.47
M
±20%
252012
2.5×2.0×1.2
1R5
1.5
N
±30%
252015
2.5×2.0×1.5
220
22
302510
3.0×2.5×1.0
302512
3.0×2.5×1.2
302515
3.0×2.5×1.5
403210
4.0×3.2×1.0
403212
4.0×3.2×1.2
403215
4.0×3.2×1.5
504010
5.0×4.0×1.0
504012
5.0×4.0×1.2
504015
5.0×4.0×1.5
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(g)
VLF252010MT
–40 to +105
–40 to +105
2000
0.017
VLF252012MT
–40 to +105
–40 to +105
2000
0.021
VLF252015MT
–40 to +105
–40 to +105
2000
0.027
VLF302510MT
–40 to +105
–40 to +105
2000
0.026
VLF302512MT
–40 to +105
–40 to +105
2000
0.033
VLF302515MT
–40 to +105
–40 to +105
2000
0.041
VLF403210MT
–40 to +105
–40 to +105
1000
0.048
VLF403212MT
–40 to +105
–40 to +105
1000
0.059
VLF403215MT
–40 to +105
–40 to +105
1000
0.072
VLF504010MT
–40 to +105
–40 to +105
1000
0.073
VLF504012MT
–40 to +105
–40 to +105
1000
0.089
VLF504015MT
–40 to +105
–40 to +105
1000
0.114
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com