| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DF61 bảng dữ liệu(PDF) 8 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF61 bảng dữ liệu(HTML) 8 Page - Hirose Electric |
|
8 / 8 page ![]() 8 DF61 Series●Board-to-Wire Swing-Lock Connector for Low-Profile Power Source 7. Mating/Un-mating Mating Operation Un-mating Operation Header Lock Friction Lock Reinforced Lock Click Feel Lever (1) Start by placing the connector against the header lock at an angle. If the plug is not started at an angle, it will cause damage to the connector. (1) Begin by lifting up on the front section of the plug. (3) Keep pressing down until a “click” feeling is sensed. The connector is now fully and properly mated. (3) Once the rear, or reinforced lock, is released the plug will come free from the header and complete the un-mating sequence. (2) Then, in a slight, rotating movement, push the front section of the plug down. (2) Continue to rotate it upwards and release the friction lock portion. 6-3,Nakagawa Chuoh-2-Chome,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN TEL: +81-45-620-3526 Fax: +81-45-591-3726 http://www.hirose.com http://www.hirose-connectors.com ® The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use. The contents of this catalog are current as of date of 04/2013. Contents are subject to change without notice for the purpose of improvements. |