| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7101TY3APE bảng dữ liệu(PDF) 13 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
7101TY3APE bảng dữ liệu(HTML) 13 Page - C&K Components |
|
13 / 14 page ![]() F–15 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F 7000 Series Miniature Toggle Switches TERMINATIONS Dim 'A' Actuator Shown In Pos. 1 Snap-In PC MOUNTING V4, V9 VERTICAL MOUNT, V-BRACKET V41 VERTICAL MOUNT, V-BRACKET, SNAP-IN 7401MD9__BE 4PDT Not available with I seal option. V4, V41 .630 (16,00) V9 1.150 (29,21) DIM ‘A’ OPTION CODE CONTACT MATERIAL * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with matte tin alloy nickel plate. NOTE: Any models supplied with P, S, R, Q, B or G contact material are RoHS compliant. U11-U415 model numbers with all options when ordered with G, S, R, or Q contact material. B contact material standard with all terminations except C, Z & Z3. Q contact material standard with C, Z & Z3 terminations. P, S & R contact materials not available with Z & Z3 terminations. OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATINGS SILVER 5 MATTE-TIN 6 GOLD 1 SILVER 4,5 GOLD OVER SILVER 2,3 GOLD 3 MATTE-TIN 6 GOLD 1 MATTE-TIN 6 LOW LEVEL/ DRY CIRCUIT POWER LOW LEVEL/DRY CIRCUIT OR POWER 0.4 VA MAX. @ 20 V AC OR DC MAX. 5 AMPS @ 120 V AC OR 28 V DC; 2 AMPS @ 250 V AC. 0.4 VA MAX @ 20 V AC OR DC MAX. OR 5 AMPS @ 120 V AC OR 28 V DC; 2 AMPS @ 250 V AC. B P Q S G R |