| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
31442 bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31442 bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
|
6 / 60 page ![]() Nominal Strands Approximate CMA Wire Size No. Diameter Conductor Diameter AWG mm2 Inch mm Inch mm SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 Table listing: Circular Mil Area for common wire sizes (Continued) For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 6 Wire Sizes in AWG and mm2 to CMA Note: The following tables are applicable to single and multiple strand, round, conductors only. 16387 8 8 133 .0111 0.28 0.167 4.24 16473 8 8 37 .0211 0.54 0.150 3.81 16512 8 8 1 .1285 3.26 0.129 3.26 16533 8 8 7 .0486 1.23 0.146 3.71 16535 8 8 19 .0295 0.75 0.148 3.76 16589 8 8 49 .0184 0.47 0.150 3.81 16983 8 8.5 133 .0113 0.29 0.167 4.24 18853 7 10 19 .0315 0.80 0.161 4.10 19719 7 10 80 .0157 0.40 0.165 4.20 19737 7 10 7 .0531 1.35 0.159 4.05 19768 7 10 1 .1406 3.57 0.141 3.57 19796 7 10 49 .0201 0.51 0.161 4.10 26179 6 13 37 .0266 0.68 0.174 4.42 26218 6 13 7 .0612 1.55 0.184 4.67 26244 6 13 1 .1620 4.11 0.162 4.11 26292 6 15 19 .0372 0.94 0.202 5.13 26818 6 14 133 .0142 0.36 0.210 5.33 27783 6 14 7 .0630 1.60 0.189 4.80 31057 5.5 16 126 .0157 0.400 0.209 5.30 31329 5.5 16 7 .0669 1.700 0.197 5.00 31400 5.5 16 1 .1772 4.500 0.177 4.50 32199 5 16 37 .0295 0.750 0.197 5.00 33088 5 15.5 1 .1819 4.620 0.182 4.62 40682 4.5 20 41 .0315 0.800 0.236 6.00 41616 4 21 1 .2040 5.182 0.204 5.18 41718 4 21 7 .0772 1.961 0.232 5.89 41771 4 21 37 .0336 0.853 0.240 6.10 41792 4 21 19 .0469 1.191 0.226 5.74 42615 4 21 133 .0179 0.455 0.272 6.90 43356 3.5 22 7 .0787 2.000 0.236 6.00 48312 3 25 196 .0157 0.400 0.260 6.60 48867 3 25 783 .0079 0.200 0.280 7.10 49745 3 25 7 .0843 2.140 0.253 6.42 50010 3 25 84 .0244 0.620 0.260 6.60 57205 2.5 34 7 .0904 2.296 0.292 7.42 57459 2.5 30 7 .0906 2.300 0.272 6.90 66049 2 34 1 .2570 6.528 0.257 6.53 66139 2 34 19 .0590 1.499 0.332 8.43 66500 2 35 665 .0100 0.254 0.345 8.76 66517 2 34 37 .0424 1.077 0.300 7.62 68031 2 35 276 .0157 0.400 0.307 7.80 68857 2 35 19 .0602 1.530 0.301 7.65 69088 2 35 1107 .0079 0.200 0.335 8.50 73400 1.5 38 7 .1024 2.600 0.307 7.80 81700 1 41 817 .0100 0.254 0.382 9.70 83600 1 42 836 .0100 0.254 0.386 9.80 84341 1 40 85 .0315 0.800 0.339 8.60 95509 0 50 19 .0709 1.800 0.354 9.00 97610 0 50 396 .0157 0.400 0.406 10.30 98409 0 50 702 .0118 0.300 0.370 9.40 104500 0 53 1045 .0100 0.254 0.431 10.95 106400 0 54 1064 .0100 0.254 0.435 11.05 117680 0 60 19 .0787 2.000 0.394 10.00 133000 00 67 1330 .0100 0.254 0.486 12.34 135023 00 70 19 .0843 2.140 0.421 10.70 139101 00 70 999 .0118 0.300 0.488 12.40 139712 00 70 360 .0197 0.500 0.488 12.40 155959 000 80 19 .0906 2.300 0.453 11.50 167200 000 85 1672 .0100 0.254 0.545 13.84 184343 000 95 475 .0197 0.500 0.571 14.50 185468 000 95 1332 .0118 0.300 0.571 14.50 186972 000 95 19 .0992 2.520 0.496 12.60 199229 0000 100 19 .1024 2.600 0.512 13.00 210900 0000 105 2109 .0100 0.254 0.635 16.13 235959 0000 120 608 .0197 0.500 0.630 16.00 236208 0000 120 37 .0799 2.030 0.571 14.50 247791 0000 125 19 .1142 2.900 0.571 14.50 249856 250 127 61 .0640 1.623 0.576 14.63 249864 250 127 91 .0524 1.331 0.576 14.63 249870 250 127 12 .1443 3.665 0.600 15.24 249966 250 127 19 .1147 2.913 0.574 14.58 250003 250 127 37 .0822 2.088 0.575 14.61 299700 300 152 37 .0900 2.29 0.630 16.0 299755 300 152 61 .0701 1.781 0.631 16.03 299823 300 152 91 .0574 1.458 0.631 16.03 |