công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1206SFP450F bảng dữ liệu(PDF) 14 Page - Tyco Electronics

tên linh kiện 1206SFP450F
Giải thích chi tiết về linh kiện  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFP450F bảng dữ liệu(HTML) 14 Page - Tyco Electronics

Back Button 1206SFP450F Datasheet HTML 10Page - Tyco Electronics 1206SFP450F Datasheet HTML 11Page - Tyco Electronics 1206SFP450F Datasheet HTML 12Page - Tyco Electronics 1206SFP450F Datasheet HTML 13Page - Tyco Electronics 1206SFP450F Datasheet HTML 14Page - Tyco Electronics 1206SFP450F Datasheet HTML 15Page - Tyco Electronics 1206SFP450F Datasheet HTML 16Page - Tyco Electronics 1206SFP450F Datasheet HTML 17Page - Tyco Electronics 1206SFP450F Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
88
RoHS Compliant, ELV Compliant
HF Halogen Free
11
% of rated current
Clear time at 25°C
100%
4 hours (min.)
250%
5 seconds (max.)
1206SFH Series
1206SFH100F/24
10
0.010
9
24
100
1206SFH120F/24
12
0.008
14
24
100
1206SFH150F/24
15
0.005
26
24
100
1206SFH200F/24
20
0.003
56
24
100
* Measured at
10% of rated current and 25°C ambient temperature.
† Melting I2t at 0.001 sec clear time.
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
1206 (3216mm) High-Current-Rated Chip Fuses
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.063±0.008
(1.60±0.20)
0.126±0.008
(3.20±0.20)
0.038±0.008
(0.97±0.20)
0.020±0.010
(0.51±0.25)
0.173
(4.40)
0.071
(1.80)
0.057
(1.45)
0.059
(1.50)
Nominal
I2t
(A2sec)†
Typical Electrical
Characteristics
Max.
Interrupt Ratings
10
1000
100
10
1
0.1
0.01
0.001
Current (A)
1206SFH Average Time Current Curves
0.001
0.01
0.1
1
10
10000
1000
100
10
1
Time (s)
1206SFH I²t vs. t Curves
20A
15A
12A
10A
Figure FH2
Figure FH1
Note: Curves are nominal
Table FH1 Clear Time Characteristics for High-Current-Rated Chip Fuses
Table FH2
Typical Electrical Characteristics, Dimensions and Recommended Pad Layout for
High-Current-Rated Chip Fuses
Figure FH1-FH2 Family Performance Curves for High-Current-Rated Chip Fuses
Please go to page 97 for more information for High-Current-Rated Chip Fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com