công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCY58 bảng dữ liệu(PDF) 4 Page - Comset Semiconductor

tên linh kiện BCY58
Giải thích chi tiết về linh kiện  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COMSET [Comset Semiconductor]
Trang chủ  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY58 bảng dữ liệu(HTML) 4 Page - Comset Semiconductor

  BCY58_12 Datasheet HTML 1Page - Comset Semiconductor BCY58_12 Datasheet HTML 2Page - Comset Semiconductor BCY58_12 Datasheet HTML 3Page - Comset Semiconductor BCY58_12 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPN BCY58 – BCY59
18/10/2012
COMSET SEMICONDUCTORS
4/4
MECHANICAL DATA CASE TO-18
Revised September 2012
         
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
12.7
-
B
-
0.49
C
0.9
-
D
-
5.3
E
-
4.9
F
-
5.8
G
2.54
-
H
-
1.2
I
-
1.16
L
45°
-
Pin 1 :
emitter
Pin 2 :
base
Pin 3 :
Collector
Case :
Collector



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com