| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RXB1D3 bảng dữ liệu(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RXB1D3 bảng dữ liệu(HTML) 40 Page - Microchip Technology |
|
40 / 92 page ![]() MCP2515 DS21801G-page 40 2003-2012 Microchip Technology Inc. PROPAGATION SEGMENT The Propagation Segment (PropSeg) exists to compensate for physical delays between nodes. The propagation delay is defined as twice the sum of the signal’s propagation time on the bus line, including the delays associated with the bus driver. The PropSeg is programmable from 1-8 TQ. PHASE SEGMENT 1 (PS1) AND PHASE SEGMENT 2 (PS2) The two phase segments, PS1 and PS2, are used to compensate for edge phase errors on the bus. PS1 can be lengthened (or PS2 shortened) by resyncronization. PS1 is programmable from 1-8 TQ and PS2 is programmable from 2-8 TQ. SAMPLE POINT The sample point is the point in the bit time at which the logic level is read and interpreted. The sample point is located at the end of PS1. The exception to this rule is if the sample mode is configured to sample three times per bit. In this case, while the bit is still sampled at the end of PS1, two additional samples are taken at one- half TQ intervals prior to the end of PS1, with the value of the bit being determined by a majority decision. INFORMATION PROCESSING TIME The Information Processing Time (IPT) is the time required for the logic to determine the bit level of a sampled bit. The IPT begins at the sample point, is measured in TQ and is fixed at 2 TQ for the Microchip CAN module. Since PS2 also begins at the sample point and is the last segment in the bit time, it is required that the PS2 minimum is not less than the IPT. Therefore: SYNCHRONIZATION JUMP WIDTH The Synchronization Jump Width (SJW) adjusts the bit clock as necessary by 1-4 TQ (as configured) to maintain synchronization with the transmitted message. Synchronization is covered in more detail later in this data sheet. Time Quantum Each of the segments that make up a bit time are made up of integer units called Time Quanta (TQ). The length of each Time Quantum is based on the oscillator period (tOSC). The base TQ equals twice the oscillator period. Figure 5-2 shows how the bit period is derived from TOSC and TQ. The TQ length equals one TQ clock period (tBRPCLK), which is programmable using a programmable prescaler, called the Baud Rate Prescaler (BRP). This is illustrated in the following equation: EQUATION 5-2: FIGURE 5-2: TQ AND THE BIT PERIOD PS2 min IPT 2TQ == TQ 2 BRP T OSC 2BRP F OSC ------------------- == Where: BRP equals the configuration as shown in Register 5-1. tOSC TBRPCLK tBIT Sync (fixed) PropSeg (Programmable) PS2 (Programmable) PS1 (Programmable) TQ (tTQ) CAN Bit Time |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |