| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RXB0SIDL bảng dữ liệu(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RXB0SIDL bảng dữ liệu(HTML) 68 Page - Microchip Technology |
|
68 / 92 page ![]() MCP2515 DS21801G-page 68 2003-2012 Microchip Technology Inc. FIGURE 12-5: LOAD TX BUFFER FIGURE 12-6: REQUEST-TO-SEND (RTS) INSTRUCTION FIGURE 12-7: BIT MODIFY INSTRUCTION SO SI SCK CS 0 2345 6789 10 11 12 13 14 15 1 ac 0 0 0 1 0 b 76543210 Instruction Data In High-Impedance a b c Address Points to Addr 00 0 TX buffer 0, Start at TXB0SIDH 0x31 00 1 TX buffer 0, Start at TXB0D0 0x36 01 0 TX buffer 1, Start at TXB1SIDH 0x41 01 1 TX buffer 1, Start at TXB1D0 0x46 10 0 TX buffer 2, Start at TXB2SIDH 0x51 10 1 TX buffer 2, Start at TXB2D0 0x56 SO SI SCK CS 0 2 3 456 7 1 T2 T0 0 0 0 0 1 Instruction High-Impedance T1 SO SI SCK CS 0 2 3 4 5 6 7 8 9 1011 12 1314 15 1617 181920 21 22 1 11 0 0 0 0 0 A7 6 5 4 1 A0 7 654 32 10 Instruction High-Impedance 32 0 Address Byte Mask Byte 7 654 32 10 23 24 25 26 27 28 29 30 31 Data Byte Note: Not all registers can be accessed with this command. See the register map for a list of the registers that apply. |