| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TXB2D3 bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TXB2D3 bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 92 page ![]() MCP2515 DS21801G-page 26 2003-2012 Microchip Technology Inc. FIGURE 4-3: RECEIVE FLOW FLOWCHART Set RXBF0 Start Detect Start of Message? Valid Message Received? Generate Error Meets a filter criteria Is CANINTF.RX0IF = 0? Go to Start Move message into RXB0 Set RXB0CTRL.FILHIT <2:0> Is CANINTF.RX1IF = 0? Move message into RXB1 Set CANINTF.RX1IF = 1 Yes No Generate Interrupt on INT Yes Yes No No Yes Yes No No Yes Yes Frame No Yes No Begin Loading Message into Message Assembly Buffer (MAB) according to which filter criteria was met Set RXB0CTRL.FILHIT <0> according to which filter criteria Set CANSTAT <3:0> accord- ing to which receive buffer the message was loaded into Is RXB0CTRL.BUKT = 1? Generate Overflow Error: Set EFLG.RX1OVR Is CANINTE.ERRIE = 1? No Go to Start Yes No Are BFPCTRL.B0BFM = 1 BF1CTRL.B0BFE = 1? and Pin = 0 No Set RXBF1 Pin = 0 No Yes Yes CANINTE.RX0IE = 1? CANINTE.RX1IE = 1? RXB1 RXB0 Set EFLG.RX0OVR Generate Overflow Error: Set CANINTF.RX0IF = 1 Are BFPCTRL.B1BFM = 1 BF1CTRL.B1BFE = 1? and Meets a filter criteria for RXB1? for RXB0? No Yes Generate Interrupt on INT Determines if the receive register is empty and able to accept a new message Determines if RXB0 can roll over into RXB1, if it is full. |