| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP6043 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6043 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 34 page ![]() MCP6041/2/3/4 DS21669C-page 14 © 2008 Microchip Technology Inc. 4.5 MCP6043 Chip Select The MCP6043 is a single op amp with Chip Select (CS). When CS is pulled high, the supply current drops to 50 nA (typical) and flows through the CS pin to VSS. When this happens, the amplifier output is put into a high impedance state. By pulling CS low, the amplifier is enabled. If the CS pin is left floating, the amplifier may not operate properly. Figure 1-1 shows the output voltage and supply current response to a CS pulse. 4.6 Supply Bypass With this family of operational amplifiers, the power supply pin (VDD for single supply) should have a local bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good high frequency performance. It can use a bulk capacitor (i.e., 1 µF or larger) within 100 mm to provide large, slow currents. This bulk capacitor is not required for most applications and can be shared with nearby analog parts. 4.7 Unused Op Amps An unused op amp in a quad package (MCP6044) should be configured as shown in Figure 4-5. These circuits prevent the output from toggling and causing crosstalk. Circuits A sets the op amp at its minimum noise gain. The resistor divider produces any desired reference voltage within the output voltage range of the op amp; the op amp buffers that reference voltage. Circuit B uses the minimum number of components and operates as a comparator, but it may draw more current. FIGURE 4-5: Unused Op Amps. 4.8 PCB Surface Leakage In applications where low input bias current is critical, printed circuit board (PCB) surface leakage effects need to be considered. Surface leakage is caused by humidity, dust or other contamination on the board. Under low humidity conditions, a typical resistance between nearby traces is 1012 Ω. A 5V difference would cause 5 pA of current to flow, which is greater than the MCP6041/2/3/4 family’s bias current at +25°C (1 pA, typical). The easiest way to reduce surface leakage is to use a guard ring around sensitive pins (or traces). The guard ring is biased at the same voltage as the sensitive pin. Figure 4-6 shows an example of this type of layout. FIGURE 4-6: Example Guard Ring Layout for Inverting Gain. 1. Non-inverting Gain and Unity Gain Buffer: a) Connect the non-inverting pin (VIN+) to the input with a wire that does not touch the PCB surface. b) Connect the guard ring to the inverting input pin (VIN–). This biases the guard ring to the common mode input voltage. 2. Inverting Gain and Transimpedance Gain (convert current to voltage, such as photo detectors) amplifiers: a) Connect the guard ring to the non-inverting input pin (VIN+). This biases the guard ring to the same reference voltage as the op amp (e.g., VDD/2 or ground). b) Connect the inverting pin (VIN–) to the input with a wire that does not touch the PCB surface. VDD VDD ¼ MCP6044 (A) ¼ MCP6044 (B) R1 R2 VDD VREF V REF V DD R 2 R 1 R 2 + ------------------ ⋅ = Guard Ring VIN–VIN+ |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |