công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADJ42012 bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện ADJ42012
Giải thích chi tiết về linh kiện  1-pole/2-pole 16A polarized power relays Variety of contact arrangements
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADJ42012 bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

  ADJ42012 Datasheet HTML 1Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 2Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 3Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 4Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 5Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 6Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 7Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 8Page - Panasonic Semiconductor ADJ42012 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DJ (ADJ)
ASCTB176E 201202-T
8. 2 Form C, without a test button
External dimensions
General tolerance:
±0.3 ±.012
1 coil latching type
Single side stable type
2 coil latching type
10.16
13.0
10.16
13.0
3.5
3.5
3.5
10.16
13.0
16.5
0.5
15.24
29.0
1.80
5.08
5.08
.400
.512
.400
.512
.138
.138
.138
.400
.512
.650
.020
.600
1.142
.071
.200
.200
Schematic (Bottom view)
1 coil latching type
Single side stable type
2 coil latching type
−
8
1
+
7
2
6
5
34
+
8
−
1
3
6
7
2
5
4
−8
−9
+1
7
2
6
5
4
3
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
2 coil latching type only
15.24
5.08
5.08
5.08
5.08
1.50 dia.
.600
.200
.200
.200
.200
0.59 dia.
CAD Data
9. 2 Form A, without a test button
External dimensions
General tolerance:
±0.3 ±.012
1 coil latching type
Single side stable type
2 coil latching type
10.16
13.0
10.16
13.0
3.5
3.5
3.5
10.16
13.0
16.5
0.5
20.32
29.0
1.80
5.08
.400
.512
.400
.512
.138
.138
.138
.400
.512
.650
.020
.800
1.142
.071
.200
Schematic (Bottom view)
1 coil latching type
Single side stable type
2 coil latching type
−
8
1
+
6
5
4
3
+
8
1
−
6
5
4
3
−8
−9
+1
6
5
34
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
2 coil latching type only
20.32
5.08
5.08
5.08
1.50 dia.
.800
.200
.200
.200
0.59 dia.
CAD Data
10. 2 Form B, without a test button
External dimensions
Single side stable type
10.16
13.0
3.5
16.5
0.5
15.24
10.16
29.0
1.80
.400
.512
.138
.650
.020
.600
.400
1.142
.071
General tolerance:
±0.3 ±.012
Schematic (Bottom view)
Single side stable type
−
8
1
+
7
2
5
4
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
1.50 dia.
10.16
10.16
15.24
0.59 dia.
.400
.400
.600
CAD Data



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com