công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECSH1VC225R bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện ECSH1VC225R
Giải thích chi tiết về linh kiện  Tantalum Solid Electrolytic Capacitors/TEH Surface Mount Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECSH1VC225R bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  ECSH1VC225R Datasheet HTML 1Page - Panasonic Semiconductor ECSH1VC225R Datasheet HTML 2Page - Panasonic Semiconductor ECSH1VC225R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TEH
Series:
-55 to +125
°C
4 to 35 V .DC
0.1 to 100 µ F
±20 % (120Hz/+20
°C)
4 6.3 10 16 20 25 35
G J
A C D E
V
4(0G)
6.3(0J)
10(1A)
16(1C)
20(1D)
25(1E)
35(1V)
0.1 to 0.33
0.47 (474)
0.68 (684)
1.0 (105)
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
6.8 (685)
10
(106)
15
(156)
22
(226)
33
(336)
47
(476)
68
(686)
100
(107)
Y
X
C
D
D
Y
Y
X
X
C
Y
X
C
C
D
D
Y
Y
X
X
C
Y
X
C
C
D
D
Y
Y
X
X
C
Y
Y
Y
X
X
C
C
D
D
Y
Y
X
X
C
Y
X
C
C
D
Y
X
X
C
D
Y
X
C
D
Y
X
X
C
D
Y
X
X
X
C
C
D
D
D
Y
Y
X
X
C
D
474
470000 pF= 0.47 µF
475
4700000 pF= 4.7 µF
W.V(V.DC)
Cap.(µF)
Cap.(µF)
0.1 to 0.22
0.33 to 0.68
1.0 to 6.8
10 to 33
47 to 100
(100kHz/+20°C)
Z(
Ω) max.
60
15
8
3
1
I Features
Surface Mount Type
I Specifications
I < 0.01 CV or 0.5(µA) after 2 minutes application of rated working voltage at 20
°C (whichever is greater)
I Dimensions in mm (not to scale)
I Marking
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
Moisture Resistance
Endurance
Capacitance change
D.F.
DC leakage current
±10% of initial measured value
<
initial specified value
<
125 % of initial specified value
Please see the attached standard products list
After 1000 hours exposure at +60
°C and 90 to 95 % R.H. without load, the capacitor shall
meet the following limits.
After 2000 hours application of rated DC working voltage at +85
°C or derated voltage at
+125
°C, the capacitor shall meet the following limits.
Resistance to Soldering Heat
The capacitor shall withstand dipping into solder for 10±1 seconds at +260 ±5
°C
Capacitance change
D.F.
DC leakage current
±10% of initial measured value
<
initial specified value
<
200 % of initial specified value
Dissipation Factor
Impedance
Note : 1. (
)shows W.V. and capacitance code.
2. When selecting W.V. see the page 210.
3. We would like to recommend current sizes in above table for new design, but conventional case size is available on request.
4. Other rating upon request (voltage, capacitance, tolerance, size)
Standard Miniature Standard
Miniature Standard Miniature Standard Miniature Standard Miniature Standard Miniature Standard Miniature
W.V. code
W.V. (V)
code
Cap. code
Capacitance
Capacitance change
D.F.
DC leakage current
After 100 cycles at -55
°C /+125°C, the capacitor shall meet the following limits.
± 5 % of initial measured value
<
initial specified value
<
125 % of initial specified value
G Size Y
Polarity bar
(+side)
W.V.code
Cap. code
G Size X,C,D
Polarity Bar(+side)
W.V.(V)
❉ (for 6.3W.V. abbreviated to 6 V)
Capacitance code
High moisture resistance
at +60
°C, 90 to 95 % R,H
Temperature Cycle
P
(
+)
(
-)
L
w1
Sizecode
Y
X
C
D
P
3.2
3.5
6.0
7.3
1.6
2.8
3.2
4.3
1.2
2.2
2.2
2.4
1.6
1.9
2.5
2.8
0.8
0.8
1.3
1.3
EIA code
3216
3528
6032
7343
Manufacture
's
identification
Cap. Code(same as size Y)
Manufactur
e's
identification
❉ Each case side has different configuration
of terminal.
L ±0.2 W1±0.2 W2±0.1 H±0.2
P±0.3
I Case size
Tantalum Solid Electrolytic Capacitors/TEH


Số phần tương tự - ECSH1VC225R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
ECSH1VC225R PANASONIC-ECSH1VC225R Datasheet
108Kb / 3P
Tantalum Solid Electrolytic Capacitors/TEH
logo
Nichicon corporation
ECSH1VC225R NICHICON-ECSH1VC225R Datasheet
50Kb / 3P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Mô tả tương tự - ECSH1VC225R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
438417 VISHAY-438417 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors
02-Jun-09
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
Solid Tantalum Surface Mount Capacitors
02-Jun-09
logo
Nichicon corporation
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
ECS-H1AX475R PANASONIC-ECS-H1AX475R Datasheet
108Kb / 3P
Tantalum Solid Electrolytic Capacitors/TEH
logo
Nichicon corporation
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com