| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVQPLKA08 bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EVQPLKA08 bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 3 page ![]() Light Touch Switches/EVQPL Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. – ES81 – 1.2 4.6 4.9 3.7 B' A' B A 0.4 0.8 0.05 0.45 φ3.2 3.1 4.3 (4.6) (5.5) A B A’ B’ GND Operating part Be careful not to scratch the film PWB land pattern for reference Circuit diagram 1.2 φ2.4 4.6 4.9 φ4.4 3.7 3.1 4.3 (4.6) (5.5) A B A’ B’ B’ A’ B A 0.4 0.8 1.2 0.05 0.45 GND 1.5 0.2 0.1 + – Operating part PWB land pattern for reference Circuit diagram ■ Dimensions in mm (not to scale) EVQPLB EVQPLF EVQPLK (Embossed Taping) Surface mount For reflow soldering Without push plate EVQPLD EVQPLH EVQPLM (Embossed Taping) Surface mount For reflow soldering With push plate No. 1 Part Numbers Operating Force Height Operating Life EVQPLBA081.0 N0.8 mm 500000 cycles EVQPLFA081.6 N0.8 mm 500000 cycles EVQPLKA082.6 N0.8 mm 200000 cycles Part Numbers Operating Force Height Operating Life EVQPLDA151.0 N1.5 mm 500000 cycles EVQPLHA151.6 N1.5 mm 500000 cycles EVQPLMA152.6 N1.5 mm 200000 cycles No. 2 Sep. 2010 00 |