công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1290CCSW bảng dữ liệu(PDF) 20 Page - Linear Technology

tên linh kiện LTC1290CCSW
Giải thích chi tiết về linh kiện  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW bảng dữ liệu(HTML) 20 Page - Linear Technology

Back Button LTC1290CCSW Datasheet HTML 16Page - Linear Technology LTC1290CCSW Datasheet HTML 17Page - Linear Technology LTC1290CCSW Datasheet HTML 18Page - Linear Technology LTC1290CCSW Datasheet HTML 19Page - Linear Technology LTC1290CCSW Datasheet HTML 20Page - Linear Technology LTC1290CCSW Datasheet HTML 21Page - Linear Technology LTC1290CCSW Datasheet HTML 22Page - Linear Technology LTC1290CCSW Datasheet HTML 23Page - Linear Technology LTC1290CCSW Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
4TH SCLK
RON = 500Ω
LAST SCLK
CIN =
100pF
LTC1290
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE –
VIN –
C2
LTC1290 F09
Figure 9. Analog Input Equivalent Circuit
“+” Input Settling
This input capacitor is switched onto the “+” input during
the sample phase (tSMPL, see Figure 10). The sample
phase starts at the 4th SCLK cycle and lasts until the falling
edge of the last SCLK (the 8th, 12th or 16th SCLK cycle
depending on the selected word length). The voltage on
the “+” input must settle completely within this sample
time. Minimizing RSOURCE+ and C1 will improve the input
settling time. If large “+” input source resistance must be
used, the sample time can be increased by using a slower
SCLK frequency or selecting a longer word length. With
the minimum possible sample time of 2
µs, RSOURCE+ < 1k
and C1 < 20pF will provide adequate settling.
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “–” input and the conversion starts (see Figure 10).
During the conversion, the “+” input voltage is effectively
“held” by the sample-and-hold and will not affect the
conversion result. However, it is critical that the “–” input
voltage be free of noise and settle completely during the
first four ACLK cycles of the conversion time. Minimizing
RSOURCE– and C2 will improve settling time. If large “–”
input source resistance must be used, the time allowed for
settling can be extended by using a slower ACLK fre-
quency. At the maximum ACLK rate of 4MHz, RSOURCE–
< 250
Ω and C2 < 20pF will provide adequate settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settle within the allowed time
(see Figure 10). Again, the “+” and “–” input sampling
times can be extended as described above to accommo-
date slower op amps. Most op amps including the LT1797,
LT1800 and LT1812 single supply op amps can be made
to settle well even with the minimum settling windows of
2
µs (“+” input) and 1µs (“–” input) which occur at the
SCLK
CS
“+” INPUT
ACLK
1290 • F10
1
234
• • •
• • •
• • •
MUX ADDRESS
SHIFTED IN
tSMPL
LAST SCLK (8TH, 12TH OR 16TH DEPENDING ON WORD LENGTH)
1
234
1ST BIT TEST
“–” INPUT MUST SETTLE
DURING THIS TIME
SAMPLE
HOLD
“+” INPUT
MUST SETTLE
DURING THIS TIME
“–” INPUT
• • •
Figure 10. “+” and “–” Input Settling Windows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com