công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC4555EUD bảng dữ liệu(PDF) 7 Page - Linear Technology

tên linh kiện LTC4555EUD
Giải thích chi tiết về linh kiện  SIM Power Supply and Level Translator-13
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC4555EUD bảng dữ liệu(HTML) 7 Page - Linear Technology

  LTC4555EUD Datasheet HTML 1Page - Linear Technology LTC4555EUD Datasheet HTML 2Page - Linear Technology LTC4555EUD Datasheet HTML 3Page - Linear Technology LTC4555EUD Datasheet HTML 4Page - Linear Technology LTC4555EUD Datasheet HTML 5Page - Linear Technology LTC4555EUD Datasheet HTML 6Page - Linear Technology LTC4555EUD Datasheet HTML 7Page - Linear Technology LTC4555EUD Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTC4555
7
4555fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
UD Package
16-Lead Plastic QFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1691)
3.00
0.10
(4 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.45
0.05
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WEED-2)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
0.10
BOTTOM VIEW—EXPOSED PAD
1.45
0.10
(4-SIDES)
0.75
0.05
R = 0.115
TYP
0.25
0.05
1
PIN 1 NOTCH R = 0.20 TYP
OR 0.25
45 CHAMFER
15
16
2
0.50 BSC
0.200 REF
2.10
0.05
3.50
0.05
0.70 0.05
0.00 – 0.05
(UD16) QFN 0904
0.25 0.05
0.50 BSC
PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com