| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CWR06CB155KPC bảng dữ liệu(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CWR06CB155KPC bảng dữ liệu(HTML) 4 Page - Vishay Siliconix |
|
4 / 7 page ![]() CWR06 www.vishay.com Vishay Sprague Revision: 27-Feb-13 4 Document Number: 40009 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 35 VDC AT + 85 °C; 23 VDC AT + 125 °C 0.22 A CWR06M(1)224(2)(3)(4)(5) 1.0 10 12 6 8 8 24.0 0.47 B CWR06M(1)474(2)(3)(4)(5) 1.0 10 12 6 8 8 17.0 0.68 C CWR06M(1)684(2)(3)(4)(5) 1.0 10 12 6 8 8 10.0 1.0 D CWR06M(1)105(2)(3)(4)(5) 1.0 10 12 6 8 8 6.5 1.5 E CWR06M(1)155(2)(3)(4)(5) 1.0 10 12 6 8 8 4.5 3.3 F CWR06M(1)335(2)(3)(4)(5) 1.0 10 12 6 8 8 2.5 4.7 G CWR06M(1)475(2)(3)(4)(5) 2.0 20 24 6 8 8 1.5 6.8 H CWR06M(1)685(2)(3)(4)(5) 3.0 30 36 6 8 8 1.3 50 VDC AT + 85 °C; 33 VDC AT + 125 °C 0.10 A CWR06N(1)104(2)(3)(4)(5) 1.0 10 12 6 8 8 22.0 0.15 A CWR06N(1)154(2)(3)(4)(5) 1.0 10 12 6 8 8 25.0 0.22 B CWR06N(1)224(2)(3)(4)(5) 1.0 10 12 6 8 8 17.0 0.33 B (1) CWR06N(1)334(2)(3)(4)(5) 1.0 10 12 6 8 8 12.0 0.47 C CWR06N(1)474(2)(3)(4)(5) 1.0 10 12 6 8 8 8.0 0.68 D CWR06N(1)684(2)(3)(4)(5) 1.0 10 12 6 8 8 7.0 1.0 E CWR06N(1)105(2)(3)(4)(5) 1.0 10 12 6 8 8 6.0 1.5 F CWR06N(1)155(2)(3)(4)(5) 1.0 10 12 6 8 8 4.0 2.2 F CWR06N(1)225(2)(3)(4)(5) 2.0 20 24 6 8 8 2.5 3.3 G CWR06N(1)335(2)(3)(4)(5) 2.0 20 24 6 8 8 2.0 4.7 H CWR06N(1)475(2)(3)(4)(5) 3.0 30 36 6 8 8 1.5 STANDARD RATINGS CAPACITANCE (μF) CASE CODE PART NUMBER MAX. DCL (μA) AT MAX. DF (%) AT MAX. ESR AT + 25 °C 100 kHz ( ) + 25 °C + 85 °C + 125 °C + 25 °C + 85 °C + 125 °C - 55 °C Notes • Part number definitions: (1) Termination finish: B, C, H, K (2) Capacitance tolerance: J, K, M (3) Failure rate: B, C, D, M, P, R, S, T (4) Surge current (optional): A, B, C (5) Packaging: Blank, /FA, /HR, /PR, /TR (1) 5 % tolerance is not available for the 0.33 μF/50 V design |