công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4TPC150M bảng dữ liệu(PDF) 25 Page - Texas Instruments

tên linh kiện 4TPC150M
Giải thích chi tiết về linh kiện  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button 4TPC150M Datasheet HTML 21Page - Texas Instruments 4TPC150M Datasheet HTML 22Page - Texas Instruments 4TPC150M Datasheet HTML 23Page - Texas Instruments 4TPC150M Datasheet HTML 24Page - Texas Instruments 4TPC150M Datasheet HTML 25Page - Texas Instruments 4TPC150M Datasheet HTML 26Page - Texas Instruments 4TPC150M Datasheet HTML 27Page - Texas Instruments 4TPC150M Datasheet HTML 28Page - Texas Instruments 4TPC150M Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Board thickness
62 mils
Boardsize
Boardmaterial
FR4
Coppertrace/heatsink
1oz
Exposedpadmounting
63/67tin/leadsolder
HeatsinkArea
1 oz Copper
3.2in
3.2in
´
P
=
D(max)
T
T
-
Jmax
A
R
qJA(system)
P
=
D(total)
V
V
-
IN1
OUT1
(
(
V
V
-
IN2
OUT2
(
(
´ I
+V
´
+
OUT1
IN1
I
2
Q
I
2
Q
´
´
I
+V
OUT2
IN2
P
=
D(total)
V
V
-
IN1
OUT1
(
(
V
V
-
IN2
OUT2
(
(
´ I
+
OUT1
´ I
OUT2
P
=
D(max)
T
T
-
Jmax
A
R
qJA(system)
=
+125 C
55 C
-
°
°
+50°C/W
=1.4W
P
=
D(total)
V
V
-
IN1
OUT1
(
(
V
V
-
IN2
OUT2
(
(
´ I
+
OUT1
´ I
OUT2
=(5.0
3.3)
0.5+(2.8
1.8)
0.8=1.25W
-
-
´
´
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
Figure 36 is an example of a thermally-enhanced PWB layout for use with the new PWP package. This board
configuration was used in the thermal experiments that generated the power ratings shown in Figure 34 and
Figure 35. As discussed earlier, copper has been added on the PWB to conduct heat away from the device. RqJA
for this assembly is illustrated in Figure 34 as a function of heat-sink area. A family of curves is included to
illustrate the effect of airflow introduced into the system.
Figure 36. PWB Layout (Including Copper Heatsink Area) for Thermally-Enhanced PWP Package
From Figure 34, RqJA for a PWB assembly can be determined and used to calculate the maximum
power-dissipation limit for the component/PWB assembly, with the equation:
where:
•
TJmax is the maximum specified junction temperature (+150°C absolute maximum limit, +125°C recommended
operating limit) and TA is the ambient temperature.
(1)
PD(max) should then be applied to the internal power dissipated by the TPS704xx regulator. The equation for
calculating total internal power dissipation of the TPS704xx is:
(2)
Since the quiescent current of the TPS704xx is very low, the second term is negligible, further simplifying the
equation to:
(3)
For the case where TA = +55°C, airflow = 200 ft/min, copper heat-sink area = 4 cm
2, the maximum
power-dissipation limit can be calculated. First, from Figure 34, we find the system RqJA is +50°C/W; therefore,
the maximum power-dissipation limit is:
(4)
If the system implements a TPS704xx regulator, where VIN1 = 5.0V, VIN2 = 2.8 V, IOUT1 = 500 mA, and IOUT2 =
800 mA, the internal power dissipation is:
(5)
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com