| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
12103C225MAZ2A bảng dữ liệu(PDF) 1 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
12103C225MAZ2A bảng dữ liệu(HTML) 1 Page - AVX Corporation |
|
1 / 5 page ![]() 46 GENERAL DESCRIPTION With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength. It was noted that many components may be subject to severe flexing and vibration when used in various under the hood automotive and other harsh environment applications. To satisfy the requirement for enhanced mechanical strength, AVX had to find a way of ensuring electrical integrity is maintained whilst external forces are being applied to the component. It was found that the structure of the termination needed to be flexible and after much research and development, AVX launched FLEXITERM®. FLEXITERM® is designed to enhance the mechanical flexure and temperature cycling performance of a standard ceramic capacitor with an X7R dielectric. The industry standard for flexure is 2mm minimum. Using FLEXITERM®, AVX provides up to 5mm of flexure without internal cracks. Beyond 5mm, the capacitor will generally fail “open”. As well as for automotive applications FLEXITERM® will provide Design Engineers with a satisfactory solution when designing PCB’s which may be subject to high levels of board flexure. MLCC with FLEXITERM® General Specifications APPLICATIONS High Flexure Stress Circuit Boards • e.g. Depanelization: Components near edges of board. Variable Temperature Applications • Soft termination offers improved reliability per- formance in applications where there is tem- perature variation. • e.g. All kind of engine sensors: Direct connection to battery rail. Automotive Applications • Improved reliability. • Excellent mechanical performance and thermo mechanical performance. PRODUCT ADVANTAGES • High mechanical performance able to withstand, 5mm bend test guaranteed. • Increased temperature cycling performance, 3000 cycles and beyond. • Flexible termination system. • Reduction in circuit board flex failures. • Base metal electrode system. • Automotive or commercial grade products available. HOW TO ORDER 0805 Style 0603 0805 1206 1210 1812 2220 5 Voltage 6 = 6.3V Z = 10V Y = 16V 3 = 25V 5 = 50V 1 = 100V 2 = 200V 2 Packaging 2 = 7" reel 4 = 13" reel C Dielectric C = X7R F = X8R 104 Capacitance Code (In pF) 2 Sig Digits + Number of Zeros e.g., 104 = 100nF K Capacitance Tolerance J = ±5%* K = ±10% M = ±20% *≤1μF only A Special Code A = Std. Product Z Terminations Z = FLEXITERM® For FLEXITERM® with Tin/Lead termination see AVX LD Series A Failure Rate A=Commercial 4 = Automotive NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers. |
Số phần tương tự - 12103C225MAZ2A |
|
Mô tả tương tự - 12103C225MAZ2A |