| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM339D bảng dữ liệu(PDF) 1 Page - HTC Korea TAEJIN Technology Co. |
|
|
|||||||||||||||||||||||||||||
LM339D bảng dữ liệu(HTML) 1 Page - HTC Korea TAEJIN Technology Co. |
|
1 / 4 page ![]() QUAD Operational Amplifiers LM339 Jun. 2011 – Ver.1.0 - 1 - HTC FEATURES • Wide range of supply voltages • Low supply current drain independent of supply voltage • Low input biasing current • Low input offset current • Low input offset voltage • Input common-mode voltage range includes ground • Differential input voltage range equal to the power supply voltage • Low output saturation voltage • Output voltage compatible with TTL, MOS and CMOS logic SOP 14/DIP 14 PKG 1 2 3 4 5 6 7 14 13 12 11 10 9 8 OUT1 OUT2 VCC IN2 (-) IN2 (+) IN1 (-) IN1 (+) IN3 (-) IN3 (+) IN4 (-) IN4 (+) GND OUT4 OUT3 ORDERING INFORMATION Device Package LM339D SOP 14 LM339N DIP 14 DESCRIPTION The LM339 consists of four independent voltage comparators. These were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. The outputs can be connected to other open-collector outputs to achieve wired-AND relationships. EQUIPMENT CIRCUIT |
Số phần tương tự - LM339D |
|
Mô tả tương tự - LM339D |