công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB2422-I/MJ bảng dữ liệu(PDF) 3 Page - SMSC Corporation

tên linh kiện USB2422-I/MJ
Giải thích chi tiết về linh kiện  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422-I/MJ bảng dữ liệu(HTML) 3 Page - SMSC Corporation

  USB2422-I/MJ Datasheet HTML 1Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 2Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 3Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 4Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 5Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 6Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 7Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 8Page - SMSC Corporation USB2422-I/MJ Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Conventions
Within this manual, the following abbreviations and symbols are used to improve readability.
Example
Description
BIT
Name of a single bit within a field
FIELD.BIT
Name of a single bit (BIT) in FIELD
x…y
Range from x to y, inclusive
BITS[m:n]
Groups of bits from m to n, inclusive
PIN
Pin Name
zzzzb
Binary number (value zzzz)
0xzzz
Hexadecimal number (value zzz)
zzh
Hexadecimal number (value zz)
rsvd
Reserved memory location. Must write 0, read value indeterminate
code
Instruction code, or API function or parameter
Section Name
Section or Document name
x
Don’t care
<Parameter>
<> indicate a Parameter is optional or is only used under some conditions
{,Parameter}
Braces indicate Parameter(s) that repeat one or more times
[Parameter]
Brackets indicate a nested Parameter. This Parameter is not real and actually decodes
into one or more real parameters.
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
3
Revision 1.0 (06-04-13)
DATASHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51