| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2422 bảng dữ liệu(PDF) 3 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2422 bảng dữ liệu(HTML) 3 Page - SMSC Corporation |
|
3 / 51 page ![]() Conventions Within this manual, the following abbreviations and symbols are used to improve readability. Example Description BIT Name of a single bit within a field FIELD.BIT Name of a single bit (BIT) in FIELD x…y Range from x to y, inclusive BITS[m:n] Groups of bits from m to n, inclusive PIN Pin Name zzzzb Binary number (value zzzz) 0xzzz Hexadecimal number (value zzz) zzh Hexadecimal number (value zz) rsvd Reserved memory location. Must write 0, read value indeterminate code Instruction code, or API function or parameter Section Name Section or Document name x Don’t care <Parameter> <> indicate a Parameter is optional or is only used under some conditions {,Parameter} Braces indicate Parameter(s) that repeat one or more times [Parameter] Brackets indicate a nested Parameter. This Parameter is not real and actually decodes into one or more real parameters. 2-Port USB 2.0 Hi-Speed Hub Controller Datasheet SMSC USB2422 3 Revision 1.0 (06-04-13) DATASHEET |