công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ET01LD1ASE2 bảng dữ liệu(PDF) 5 Page - C&K Components

tên linh kiện ET01LD1ASE2
Giải thích chi tiết về linh kiện  Sealed Subminiature Toggle Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ET01LD1ASE2 bảng dữ liệu(HTML) 5 Page - C&K Components

  ET01LD1ASE2 Datasheet HTML 1Page - C&K Components ET01LD1ASE2 Datasheet HTML 2Page - C&K Components ET01LD1ASE2 Datasheet HTML 3Page - C&K Components ET01LD1ASE2 Datasheet HTML 4Page - C&K Components ET01LD1ASE2 Datasheet HTML 5Page - C&K Components ET01LD1ASE2 Datasheet HTML 6Page - C&K Components ET01LD1ASE2 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F–29
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
.079 TYP.
(2,0)
.200
(5,08)
.051
(1,30)
.032 TYP.
(0,80)
.272
(6,90)
.059
(1,50)
.071 TYP.
(1,80)
.100
(2,54)
.041
(1,04)
.020 TYP
(0,51)
.403
(10,24)
.276
(7,0)
.121
(3,07)
.059
(1,50)
.403
(10,24)
ø.181
(4,60)
.217
(5,51)
.234
(5,94)
(2,51Ø)
ø.099
.354
(9,00)
.171
(4,35)
EPOXY SEAL
ET Series
Sealed Subminiature Toggle Switches
TERMINATIONS
Actuator Shown In Pos. 1
PC MOUNTING
Actuator Shown
In Pos. 1
PC MOUNTING
Actuator Shown In Pos. 1
ET02 Models: Omit terminal 2
V31 Snap-In
ET02 Models: Omit center hole.
PC MOUNTING
ET01SD1AV2BE
Vertical Actuation
SPDT
ET01M3D1SAPE
Horizontal Actuation
SPDT Only
ET01MD1V3BE
SPDT
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
SA
RIGHT ANGLE, SURFACE MOUNT
V3
VERTICAL MOUNT, V-BRACKET
V31
VERTICAL MOUNT, V-BRACKET, SNAP-IN
Not available with S and S1 actuators. Standard with tape & reel packaging, See page F-31.
ET01M3D1SA1BE
Horizontal Actuation
SPDT Only
SA1
RIGHT ANGLE, SURFACE MOUNT
Not available in ET02 .
Actuators M and M3, bushing D1, contact material B.
Standard with tape and reel packaging-see page F-31



Html Pages

1 2 3 4 5 6 7