| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FLEX10KA bảng dữ liệu(PDF) 22 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
FLEX10KA bảng dữ liệu(HTML) 22 Page - Altera Corporation |
|
22 / 128 page ![]() 22 Altera Corporation FLEX 10K Embedded Programmable Logic Device Family Data Sheet During compilation, the Compiler automatically selects the best control signal implementation. Because the clear and preset functions are active- low, the Compiler automatically assigns a logic high to an unused clear or preset. The clear and preset logic is implemented in one of the following six modes chosen during design entry: ■ Asynchronous clear ■ Asynchronous preset ■ Asynchronous clear and preset ■ Asynchronous load with clear ■ Asynchronous load with preset ■ Asynchronous load without clear or preset In addition to the six clear and preset modes, FLEX 10K devices provide a chip-wide reset pin that can reset all registers in the device. Use of this feature is set during design entry. In any of the clear and preset modes, the chip-wide reset overrides all other signals. Registers with asynchronous presets may be preset when the chip-wide reset is asserted. Inversion can be used to implement the asynchronous preset. Figure 10 shows examples of how to enter a section of a design for the desired functionality. |