| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DX58SO bảng dữ liệu(PDF) 28 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DX58SO bảng dữ liệu(HTML) 28 Page - Intel Corporation |
|
28 / 88 page ![]() Intel Desktop Board DX58SO Technical Product Specification 28 1.13 Power Management Power management is implemented at several levels, including: • Software support through Advanced Configuration and Power Interface (ACPI) • Hardware support: ⎯ Power connector ⎯ Fan headers ⎯ LAN wake capabilities ⎯ Instantly Available PC technology ⎯ Wake from USB ⎯ Power Management Event signal (PME#) wake-up support ⎯ PCI Express WAKE# signal support 1.13.1 ACPI ACPI gives the operating system direct control over the power management and Plug and Play functions of a computer. The use of ACPI with this board requires an operating system that provides full ACPI support. ACPI features include: • Plug and Play (including bus and device enumeration) • Power management control of individual devices, add-in boards (some add-in boards may require an ACPI-aware driver), video displays, and hard disk drives • Methods for achieving less than 15-watt system operation in the power-on/standby sleeping state • A Soft-off feature that enables the operating system to power-off the computer • Support for multiple wake-up events (see Table 7 on page 31) • Support for a front panel power and sleep mode switch |