công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCA720-D01 bảng dữ liệu(PDF) 13 Page - Murata Manufacturing Co., Ltd.

tên linh kiện SCA720-D01
Giải thích chi tiết về linh kiện  SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA720-D01 bảng dữ liệu(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button SCA720-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SCA720-D01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SCA720-D01
Murata Electronics Oy
13/13
www.muratamems.fi
Doc. nr. 82171500
Rev.A
Notes:
•
Preheating time and temperatures according to guidance from solder paste
manufacturer.
•
It is important that the part is parallel to the PCB plane and that there is no angular
alignment error from intended measuring direction during assembly process.
•
Wave soldering is not recommended.
•
Ultrasonic cleaning is not allowed. The sensing element may be damaged by an
ultrasonic cleaning process
The Moisture Sensitivity Level of the part is 3 according to the IPC/JEDEC J-STD-
020B. The part should be delivered in a dry pack. The manufacturing floor time (out of
bag) in the customer’s end is 168 hours. Maximum soldering temperature is
250 °C/40 sec.
Rework after the initial soldering process is not recommended. Rework can cause heat
build-up to the leg and this heat build-up will cause the housing material to get soft
thus allowing the leg to move. The movement can cause bond wire disconnection
inside the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13