| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX88613 bảng dữ liệu(PDF) 4 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88613 bảng dữ liệu(HTML) 4 Page - ASIX Electronics Corporation |
|
4 / 20 page ![]() 4 Copyright (C) 2008-2009 Reserved by ASIX Electronics Corporation ASIX Multi-Port Ethernet Controller Product Introduction 1. Introduction ASIX Electronics provides some multi-port embedded Ethernet controllers that support different processor host interfaces commonly used in embedded system applications. The supported processor host interfaces are PCI bus, non-PCI bus (SRAM-like) and Ethernet MAC’s MII/Reverse MII or RMII/Reverse RMII bus. The following URL provides detailed online resource of ASIX Electronics multi-port embedded Ethernet solutions: (Refer to http://www.asix.com.tw/products.php?op=ProductList&PLine=65). This product introduction applies specifically to the following four multi-port Ethernet controllers, namely, AX88742, AX88783, AX88782 and AX88613. 2-Port PCI Fast Ethernet AX88742 -- 32-bit PCI 2-Port 10/100M Fast Ethernet Controller 2-Port Non-PCI Fast Ethernet AX88783 -- Non-PCI 8/16/32-bit 2-Port 10/100M Fast Ethernet Controller AX88782 -- Non-PCI 8/16-bit 2-Port 10/100M Fast Ethernet Controller MII/RMII Fast Ethernet AX88613 -- 3-Port 10/100M Fast Ethernet Switch Controller This document provides an overview of the AX88742/AX88783/AX88782/AX88613 multi- port embedded Ethernet products. |