| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAP202K bảng dữ liệu(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
DAP202K bảng dữ liệu(HTML) 2 Page - Rohm |
|
2 / 3 page ![]() DA114/DA121/DA227/DAN202K/DAN202U Diodes DAN212K/DAN222/DAP202K/DAP202U/DAP222 !Equivalent circuits !Absolute maximum ratings (Ta=25 °C) !Electrical characteristics (Ta=25 °C) Type Forward voltage Reverse current Capacitance between terminals Reverse recovery time Cond. VF (V) Max. CT (pF) Max. Cond. Cond. IR (µA) Max. trr (ns) Max. Cond. IF (mA) VR (V) f (MHz) VR (V) VR (V) IF (mA) DA114 1.2 100 0.1 70 3.5 6 1 4 6 5 DA121 1.2 100 0.1 70 3.5 6 1 4 6 5 DAN202K 1.2 100 0.1 70 3.5 6 1 4 6 5 DAP202K 1.2 100 0.1 70 3.5 6 1 4 6 5 DAN202U 1.2 100 0.1 70 3.5 6 1 4 6 5 DAP202U 1.2 100 0.1 70 3.5 6 1 4 6 5 DAN212K 1.2 100 0.1 70 3.5 6 1 4 6 5 DAN222 1.2 100 0.1 70 3.5 6 1 4 6 5 DAP222 1.2 100 0.1 70 3.5 6 1 4 6 5 1.2 100 0.1 70 3.5 6 1 4 6 5 DA227 Type Peak reverse voltage VRM (V) DC reverse voltage VR (V) Peak forward current IFM (mA) Surge current (1µs) Isurge (A) Mean rectifying current IO (mA) Power dissipation (TOTAL) Pd(mW) Junction temperature Tj (ºC) Storage temperature Tstg (ºC) TYPE DA114 80 80 300 100 4 200 150 N DA121 80 80 300 100 4 150 150 N DAN202K 80 80 300 100 4 200 150 N DAP202K 80 80 300 100 4 200 150 P DAN202U 80 80 300 100 4 150 150 N DAP202U 80 80 300 100 4 150 150 P DAN212K 80 80 300 100 4 200 150 N DAN222 80 80 300 100 4 150 150 N DAP222 80 80 300 100 4 150 150 P 80 80 300 100 150 150 N DA227 4 −55~+150 −55~+150 −55~+150 −55~+150 −55~+150 −55~+150 −55~+150 −55~+150 −55~+150 −55~+150 DAN202K DAN202U DAN222 DAP202K DAP202U DAP222 DA114 DA121 DAN212K DA227 (1) (1) (1) (2) (2) (2) (2) (3) (3) (3) (3) (4) |