| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99MC6-LF bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MC6-LF bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 55 page ![]() L99MC6 Functional description of the SPI Doc ID 16523 Rev 1 31/55 The <Global Error Flag> is generated by an OR-combination of all failure events of the device (that is <Global Status Register>, [0:6]). Figure 13. Indication of the global error flag on DO when CSN is low and SCK is stable 1. The last transferred SPI command is still valid in the input shift register. If SCK is stable (high or low) during a CSN low pulse, at the rising edge of CSN the last transferred SPI command is still valid in the input shift register and is repeated. Therefore, it is recommended to send a complete SPI frame to monitor the status of the L99MC6. Writing to the selected data input register is only enabled if exactly one frame length is transmitted within one communication frame (that is CSN low). If more or less clock pulses are counted within one frame, the complete frame is ignored and a SPI frame error is signaled in the Global Status register. This safety function is implemented to avoid an unwanted activation of output stages by a wrong communication frame. 6 Communication error Active high Bit is set if the number of clock cycles during CSN = low does not match with the specified frame width or if an invalid bus condition is detected (DI always 1). DI always 0 automatically leads to clearing the enable bit in CTRL0 and is not signaled as communication error. 7 Global Error flag Active high Logic OR combination of all failures in the <Global Status Byte>. Table 17. Global status register description (continued) Bit Description Polarity Comment |