| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF6188 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6188 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 110 page ![]() Pinouts and pin description STM8AF52/62xx, STM8AF51/61xx 34/110 Doc ID 14395 Rev 9 22 18 - - VREF+ S— — — — — — — ADC positive reference voltage — 23 19 13 9 VDDA S — — — — — — — Analog power supply — 24 20 14 10 VSSA S — — — — — — — Analog ground — 25 21 - - VREF- S— — — — — — — ADC negative reference voltage — 26 22 - - PF0/AIN10 I/O X X— — O1X X Port F0 Analog input 10 — 27 23 15 - PB7/AIN7 I/O X XX — O1 X X Port B7 Analog input 7 — 28 24 16 - PB6/AIN6 I/O X XX — O1 X X Port B6 Analog input 6 — 29 25 17 11 PB5/AIN5 I/O X XX — O1 X X Port B5 Analog input 5 I2C_SDA [AFR6] 30 26 18 12 PB4/AIN4 I/O X XX — O1 X X Port B4 Analog input 4 I2C_SCL [AFR6] 31 27 19 13 PB3/AIN3 I/O X XX — O1 X X Port B3 Analog input 3 TIM1_ETR [AFR5] 32 28 20 14 PB2/AIN2 I/O X XX — O1 X X Port B2 Analog input TIM1_CH3N [AFR5] 33 29 21 15 PB1/AIN1 I/O X XX — O1 X X Port B1 Analog input 1 TIM1_CH2N [AFR5] 34 30 22 16 PB0/AIN0 I/O X XX — O1 X X Port B0 Analog input 0 TIM1_CH1N [AFR5] 35 - - - PH4/TIM1_ETR I/O X X— — O1X X Port H4 Timer 1 - trigger input — 36 --- PH5/ TIM1_CH3N I/O X X— — O1X X Port H5 Timer 1 - inverted channel 3 — 37 --- PH6/ TIM1_CH2N I/O X X— — O1X X Port H6 Timer 1 - inverted channel 2 — 38 --- PH7/ TIM1_CH1N I/O X X— — O1X X Port H7 Timer 1 - inverted channel 2 — Table 13. STM8A microcontroller family pin description (continued) Pin number Pin name Input Output Main function (after reset) Default alternate function Alternate function after remap [option bit] |