| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF61A9 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF61A9 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 110 page ![]() This is information on a product in full production. July 2012 Doc ID 14395 Rev 9 1/110 1 STM8AF5xxx STM8AF6x69/7x/8x/9x/Ax Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V Datasheet −production data Features ■ Core –Max fCPU: 24 MHz – Advanced STM8A core with Harvard architecture and 3-stage pipeline – Average 1.6 cycles/instruction resulting in 10 MIPS at 16 MHz fCPU for industry standard benchmark ■ Memories – Program memory: 32 to 128 Kbytes Flash program; data retention 20 years at 55 °C – Data memory: up to 2 Kbytes true data EEPROM; endurance 300 kcycles – RAM: 2 Kbytes to 6 Kbytes ■ Clock management – Low-power crystal resonator oscillator with external clock input – Internal, user-trimmable 16 MHz RC and low-power 128 kHz RC oscillators – Clock security system with clock monitor ■ Reset and supply management – Wait/auto-wakeup/Halt low-power modes with user definable clock gating – Low consumption power-on and power- down reset ■ Interrupt management – Nested interrupt controller with 32 vectors – Up to 37 external interrupts on 5 vectors ■ Timers – 2 general purpose 16-bit timers with up to 3 CAPCOM channels each (IC, OC, PWM) – Advanced control timer: 16-bit, 4 CAPCOM channels, 3 complementary outputs, dead- time insertion and flexible synchronization – 8-bit AR basic timer with 8-bit prescaler – Auto-wakeup timer – Window and independent watchdog timers ■ I/Os – Up to 68 user pins (11 high sink I/Os) – Highly robust I/O design, immune against current injection ■ Communication interfaces – High speed 1 Mbit/s CAN 2.0B interface – USART with clock output for synchronous operation - LIN master mode – LINUART LIN 2.1 compliant, master/slave modes with automatic resynchronization – SPI interface up to 10 Mbit/s or fMASTER/2 –I2C interface up to 400 Kbit/s ■ Analog to digital converter (ADC) – 10-bit resolution, 2 LSB TUE, 1 LSB linearity and up to 16 multiplexed channels ■ Operating temperature up to 150 °C ■ Qualification conforms to AEC-Q100 rev G Table 1. Device summary(1) 1. In the order code, ‘F’ applies to devices with Flash program memory and data EEPROM while ‘H’ refers to devices with Flash program memory only. ‘F’ is replaced by ‘P’ for devices with FASTROM (see Tables 2, 3, 4, and 5, and Figure 52). Part numbers: STM8AF52xx (with CAN) STM8AF52AA, STM8AF52A9, STM8AF52A8, STM8AF528A, STM8AF5289, STM8AF5288, STM8AF5269, STM8AF5268 Part numbers: STM8AF6269/8x/Ax STM8AF62AA, STM8AF62A9, STM8AF62A8, STM8AF628A, STM8AF6289, STM8AF6288, STM8AF6286, STM8AF6269, STM8AF62A6, Part numbers: STM8AF51xx (with CAN)(2) 2. Not recommended for new design. STM8AF51AA, STM8AF51A9, STM8AF51A8, STM8AF519A, STM8AF5199, STM8AF5198, STM8AF518A, STM8AF5189, STM8AF5188, STM8AF5179, STM8AF5178, STM8AF5169, STM8AF5168 Part numbers: STM8AF6169/7x/8x/9x/Ax(2) STM8AF61AA, STM8AF61A9, STM8AF61A8, STM8AF619A, STM8AF6199, STM8AF6198, STM8AF618A, STM8AF6189, STM8AF6188, STM8AF6186, STM8AF6179, STM8AF6178, STM8AF6176, STM8AF6169 LQFP80 14x14 LQFP48 7x7 LQFP32 7x7 VFQFPN32 5x5 LQFP64 10x10 www.st.com |
Số phần tương tự - STM8AF61A9 |
|
Mô tả tương tự - STM8AF61A9 |