công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8AF518A bảng dữ liệu(PDF) 61 Page - STMicroelectronics

tên linh kiện STM8AF518A
Giải thích chi tiết về linh kiện  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF518A bảng dữ liệu(HTML) 61 Page - STMicroelectronics

Back Button STM8AF518A Datasheet HTML 57Page - STMicroelectronics STM8AF518A Datasheet HTML 58Page - STMicroelectronics STM8AF518A Datasheet HTML 59Page - STMicroelectronics STM8AF518A Datasheet HTML 60Page - STMicroelectronics STM8AF518A Datasheet HTML 61Page - STMicroelectronics STM8AF518A Datasheet HTML 62Page - STMicroelectronics STM8AF518A Datasheet HTML 63Page - STMicroelectronics STM8AF518A Datasheet HTML 64Page - STMicroelectronics STM8AF518A Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
STM8AF52/62xx, STM8AF51/61xx
Electrical characteristics
Doc ID 14395 Rev 9
61/110
Table 28.
Total current consumption in Run, Wait and Slow mode. General conditions
for VDD apply, TA = −40 °C to 150 °C
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(RUN)
(1)
Supply current in
Run mode
All peripherals
clocked, code
executed from Flash
program memory,
HSE external clock
(without resonator)
fCPU = 24 MHz 1 ws
8.7
16.8(2)
mA
fCPU = 16 MHz
7.4
14
fCPU = 8 MHz
4.0
7.4(2)
fCPU = 4 MHz
2.4
4.1(2)
fCPU = 2 MHz
1.5
2.5
IDD(RUN)
(1)
Supply current in
Run mode
All peripherals
clocked, code
executed from RAM,
HSE external clock
(without resonator)
fCPU = 24 MHz
4.4
6.0(2)
fCPU = 16 MHz
3.7
5.0
fCPU = 8 MHz
2.2
3.0(2)
fCPU = 4 MHz
1.4
2.0(2)
fCPU = 2 MHz
1.0
1.5
IDD(WFI)
(1)
Supply current in
Wait mode
CPU stopped, all
peripherals off, HSE
external clock
fCPU = 24 MHz
2.4
3.1(2)
fCPU = 16 MHz
1.65
2.5
fCPU = 8 MHz
1.15
1.9(2)
fCPU = 4 MHz
0.90
1.6(2)
fCPU = 2 MHz
0.80
1.5
IDD(SLOW)
(1)
Supply current in
Slow mode
fCPU scaled down,
all peripherals off,
code executed from
RAM
External clock 16 MHz
fCPU = 125 kHz
1.50
1.95
LSI internal RC
fCPU = 128 kHz
1.50
1.80(2)
1.
The current due to I/O utilization is not taken into account in these values.
2.
Values not tested in production. Design guidelines only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com